Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 319Page - Renesas Technology Corp H8/3003 Datasheet HTML 320Page - Renesas Technology Corp H8/3003 Datasheet HTML 321Page - Renesas Technology Corp H8/3003 Datasheet HTML 322Page - Renesas Technology Corp H8/3003 Datasheet HTML 323Page - Renesas Technology Corp H8/3003 Datasheet HTML 324Page - Renesas Technology Corp H8/3003 Datasheet HTML 325Page - Renesas Technology Corp H8/3003 Datasheet HTML 326Page - Renesas Technology Corp H8/3003 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 715 page
background image
Bits 3 and 2—Reserved: Read-only bits, always read as 1.
Bit 1—Output Level Select 4 (OLS4): Selects output levels in complementary PWM mode and
reset-synchronized PWM mode.
Bit 1
OLS4
Description
0
TIOCA3, TIOCA4, and TIOCB4 outputs are inverted
1
TIOCA3, TIOCA4, and TIOCB4 outputs are not inverted
(Initial value)
Bit 0—Output Level Select 3 (OLS3): Selects output levels in complementary PWM mode and
reset-synchronized PWM mode.
Bit 0
OLS3
Description
0
TIOCB3, TOCXA4, and TOCXB4 outputs are inverted
1
TIOCB3, TOCXA4, and TOCXB4 outputs are not inverted
(Initial value)
10.2.7 Timer Counters (TCNT)
TCNT is a 16-bit counter. The ITU has five TCNTs, one for each channel.
Channel
Abbreviation
Function
0
TCNT0
Up-counter
1
TCNT1
2
TCNT2
Phase counting mode: up/down-counter
Other modes: up-counter
3
TCNT3
4
TCNT4
Each TCNT is a 16-bit readable/writable register that counts pulse inputs from a clock source. The
clock source is selected by bits TPSC2 to TPSC0 in the timer control register (TCR).
Bit
Initial value
Read/Write
14
0
R/W
12
0
R/W
10
0
R/W
8
0
R/W
6
0
R/W
0
0
R/W
4
0
R/W
2
0
R/W
15
0
R/W
13
0
R/W
11
0
R/W
9
0
R/W
7
0
R/W
1
0
R/W
5
0
R/W
3
0
R/W
Complementary PWM mode: up/down-counter
Other modes: up-counter
305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com