Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 321Page - Renesas Technology Corp H8/3003 Datasheet HTML 322Page - Renesas Technology Corp H8/3003 Datasheet HTML 323Page - Renesas Technology Corp H8/3003 Datasheet HTML 324Page - Renesas Technology Corp H8/3003 Datasheet HTML 325Page - Renesas Technology Corp H8/3003 Datasheet HTML 326Page - Renesas Technology Corp H8/3003 Datasheet HTML 327Page - Renesas Technology Corp H8/3003 Datasheet HTML 328Page - Renesas Technology Corp H8/3003 Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 715 page
background image
When a general register is used as an input capture register, rising edges, falling edges, or both
edges of an external input capture signal are detected and the current TCNT value is stored in the
general register. The corresponding IMFA or IMFB flag in TSR is set to 1 at the same time. The
valid edge or edges of the input capture signal are selected in TIOR.
TIOR settings are ignored in PWM mode, complementary PWM mode, and reset-synchronized
PWM mode.
General registers are linked to the CPU by an internal 16-bit bus and can be written or read by
either word access or byte access.
General registers are initialized to the output compare function (with no output signal) by a reset
and in standby mode. The initial value is H'FFFF.
10.2.9 Buffer Registers (BRA, BRB)
The buffer registers are 16-bit registers. The ITU has four buffer registers, two each in channels 3
and 4.
Channel
Abbreviation
Function
3
BRA3, BRB3
Used for buffering
4
BRA4, BRB4
• When the corresponding GRA or GRB functions as an output
compare register, BRA or BRB can function as an output compare
buffer register: the BRA or BRB value is automatically transferred
to GRA or GRB at compare match
• When the corresponding GRA or GRB functions as an input
capture register, BRA or BRB can function as an input capture
buffer register: the GRA or GRB value is automatically transferred
to BRA or BRB at input capture
A buffer register is a 16-bit readable/writable register that is used when buffering is selected.
Buffering can be selected independently by bits BFB4, BFA4, BFB3, and BFA3 in TFCR.
The buffer register and general register operate as a pair. When the general register functions as an
output compare register, the buffer register functions as an output compare buffer register. When
the general register functions as an input capture register, the buffer register functions as an input
capture buffer register.
Bit
Initial value
Read/Write
14
1
R/W
12
1
R/W
10
1
R/W
8
1
R/W
6
1
R/W
0
1
R/W
4
1
R/W
2
1
R/W
15
1
R/W
13
1
R/W
11
1
R/W
9
1
R/W
7
1
R/W
1
1
R/W
5
1
R/W
3
1
R/W
307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com