Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 320Page - Renesas Technology Corp H8/3003 Datasheet HTML 321Page - Renesas Technology Corp H8/3003 Datasheet HTML 322Page - Renesas Technology Corp H8/3003 Datasheet HTML 323Page - Renesas Technology Corp H8/3003 Datasheet HTML 324Page - Renesas Technology Corp H8/3003 Datasheet HTML 325Page - Renesas Technology Corp H8/3003 Datasheet HTML 326Page - Renesas Technology Corp H8/3003 Datasheet HTML 327Page - Renesas Technology Corp H8/3003 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 715 page
background image
TCNT0 and TCNT1 are up-counters. TCNT2 is an up/down-counter in phase counting mode and
an up-counter in other modes. TCNT3 and TCNT4 are up/down-counters in complementary PWM
mode and up-counters in other modes.
TCNT can be cleared to H'0000 by compare match with general register A or B (GRA or GRB) or
by input capture to GRA or GRB (counter clearing function) in the same channel.
When TCNT overflows (changes from H'FFFF to H'0000), the overflow flag (OVF) is set to 1 in
the timer status register (TSR) of the corresponding channel.
When TCNT underflows (changes from H'0000 to H'FFFF), the overflow flag (OVF) is set to 1 in
TSR of the corresponding channel.
The TCNTs are linked to the CPU by an internal 16-bit bus and can be written or read by either
word access or byte access.
Each TCNT is initialized to H'0000 by a reset and in standby mode.
10.2.8 General Registers (GRA, GRB)
The general registers are 16-bit registers. The ITU has 10 general registers, two in each channel.
Channel
Abbreviation
Function
0
GRA0, GRB0
Output compare/input capture register
1
GRA1, GRB1
2
GRA2, GRB2
3
GRA3, GRB3
4
GRA4, GRB4
A general register is a 16-bit readable/writable register that can function as either an output
compare register or an input capture register. The function is selected by settings in the timer I/O
control register (TIOR).
When a general register is used as an output compare register, its value is constantly compared
with the TCNT value. When the two values match (compare match), the IMFA or IMFB flag is set
to 1 in the timer status register (TSR). Compare match output can be selected in TIOR.
Output compare/input capture register; can be buffered by buffer
registers BRA and BRB
Bit
Initial value
Read/Write
14
1
R/W
12
1
R/W
10
1
R/W
8
1
R/W
6
1
R/W
0
1
R/W
4
1
R/W
2
1
R/W
15
1
R/W
13
1
R/W
11
1
R/W
9
1
R/W
7
1
R/W
1
1
R/W
5
1
R/W
3
1
R/W
306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com