Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 262Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 263Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 264Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 265Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 266Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 267Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 268Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 269Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 387 page
background image
2-142
APPLICATION
2.9 Watchdog timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.9.6 Control procedure
Fig. 2.9.5 Relevant registers setting
2.9.4 Notes on watchdog timer
qMake sure that the watchdog timer H does not underflow while waiting Stop release, because the
watchdog timer keeps counting during that term.
qWhen the STP instruction disable bit has been set to “1”, it is impossible to switch it to “0” by a program.
CPUM
0
b0
b7
0
0
0
WDTCON
b0
b7
0
0
0
CPU mode register (address 003B16)
Processor mode: Single-chip mode
Main clock (XIN-XOUT): Operating
Main clock division ratio: f(XIN)/2 (high-speed mode)
Watchdog timer H (for read-out of high-order 6 bits)
Watchdog timer control register (address 001E16)
Enable STP instruction
Watchdog timer H count source: Watchdog timer L underflow
1
Fix to “1”
Initialization
SEI
CLT
CLD
CPUM (address 003B16)
:
:
CLI
000X1X002
WDTCON (address 001E16)
000XXXXX2
RESET
Main processing
:
:
•All interrupts disabled
•Processor mode: Single-chip mode
•Main clock f(XIN): Operating
•High-speed mode selected as main clock division ratio
•Interrupts enabled
•Watchdog timer L underflow selected as Watchdog
timer H count source
•STP instruction enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com