Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 265Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 266Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 267Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 268Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 269Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 270Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 271Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 272Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 387 page
background image
2-145
APPLICATION
2.11
Clock generating circuit
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.11 Clock generating circuit
This paragraph explains how to set the registers relevant to the clock generating circuit and describes an
application example.
2.11.1 Relevant registers
Fig. 2.11.1 Structure of CPU mode register
CPU mode register
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register
(CPUM: address 003B16)
00 : Single-chip mode
01 : Not available
10 : Not available
11 : Not available
b
0
1
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0 : 0 page
1 : 1 page
0
1
0
0: Oscillating
1: Stopped
0
1
0
Processor mode
bits
Stack page
selection bit
Port Xc switch bit
Fix this bit to “1”.
Main clock (XIN-
XOUT) stop bit
Main clock division
ratio selection bits
b1 b0
b7 b6
0 0:
φ=f(XIN)/2
(high-speed mode)
0 1:
φ=f(XIN)/8
(middle-speed mode)
1 0:
φ=f(XCIN)/2
(low-speed mode)
1 1: Not available
0: I/O port function
(oscillation stopped)
1: XCIN-XCOUT oscillation
function
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com