Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 268Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 269Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 270Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 271Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 272Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 273Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 274Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 275Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 387 page
background image
2-148
APPLICATION
2.11
Clock generating circuit
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.11.5 Control procedure
Control procedure: To prepare for a power failure, set the relevant registers in the order shown
below.
Initialization
CPUM (address 003B16), bit7, bit 6
CPUM (address 003B16), bit 4
0, 0
1
CPUM (address 003B16), bit7, bit 6
CPUM (address 003B16), bit5
1, 0 (Note)
1 (Note)
RESET
Internal system clock: f(XCIN)/2 (low-speed mode)
Main clock f(XIN) oscillation stopped
Note: Do not switch simultaneously.
Return processing from power failure
Set timer interrupt to occurs every second.
Execute WIT instruction.
At power failure, clock count is performed during
timer interrupt processing (every second).
Port XC: XCIN-XCOUT oscillation function
When selecting main clock f(XIN)/2 (high-speed mode)
Detect power failure ?
N
Y
Return condition from power failure
completed ?
N
Y
qX: This bit is not used here. Set it to “0” or “1” arbitrarily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com