Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 266Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 267Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 268Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 269Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 270Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 271Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 272Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 273Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 387 page
background image
2-146
APPLICATION
2.11
Clock generating circuit
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.11.2 Clock generating circuit application example
(1)
Status transition during power failure
Outline: The clock counts up every second by using the timer interrupt during a power failure.
Fig. 2.11.2 Connection diagram
Specifications: •Reducing power dissipation as low as possible while maintaining clock function
•Clock: f(XIN) = 8 MHz, f(XCIN) = 32.768 kHz
•Port processing
Input port: Fixed to “H” or “L” level externally.
Output port: Fixed to output level that does not cause current flow to the external.
(Example) Fix to “H” for an LED circuit that turns on at “L” output
level.
I/O port: Input port
→ Fixed to “H” or “L” level externally.
Output port
→ Output of data that does not consume current
VREF pin: Terminate A/D conversion operation
Stop VREF current dissipation by setting value of DAi conversion register
to “0016”.
Figure 2.11.3 shows the status transition diagram during power failure and Figure 2.11.4 shows the
setting of relevant registers.
Fig. 2.11.3 Status transition diagram during power failure
3804 Group (Spec. H)
Input port
(Note)
Power failure detection signal
Note: A signal is detected when input to input port, interrupt
input pin, or analog input pin.
Reset released
Power failure detected
Internal system clock
XCIN
XIN
Middle-speed
mode
High-speed mode
Low-speed mode
Change internal system
clock to high-speed mode
After detection, change internal system clock to
low-speed mode and stop oscillating XIN-XOUT
XCIN-XCOUT oscillation function selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com