Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 365Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 366Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 367Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 368Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 369Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 370Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 371Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 372Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 387 page
background image
3-79
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.48 Structure of I2C slave address register i (i = 0 to 2)
I2C slave address register i (i = 0 to 2)
b7 b6 b5 b4 b3 b2 b1 b0
I2C slave address register i (i = 0 to 2)
(S0D0, S0D1, S0D2: addresses 0FF716, 0FF816, 0FF916)
b
0
0
Read/Write bit
(RWB)
0: Write bit
1: Read bit
The contents of these bits
are compared with the
address data transmitted
from master.
Functions
Name
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
Slave address
(SAD0, SAD1, SAD2,
SAD3, SAD4, SAD5,
SAD6)
Note: When the read-modify-write instructions (SEB, CLB) are used at
detection of stop condition, the values may be undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com