Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 368Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 369Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 370Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 371Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 372Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 373Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 374Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 375Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 387 page
background image
Addressing mode
Symbol
Function
Details
IMP
IMM
A
BIT, A
ZP
BIT, ZP
OP n# OP n# OP n# OP n# OP n#
OP n
#
3-82
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.7 Machine instructions
When T = 0, this instruction adds the contents
M, C, and A; and stores the results in A and C.
When T = 1, this instruction adds the contents
of M(X), M and C; and stores the results in
M(X) and C. When T=1, the contents of A re-
main unchanged, but the contents of status
flags are changed.
M(X) represents the contents of memory
where is indicated by X.
When T = 0, this instruction transfers the con-
tents of A and M to the ALU which performs a
bit-wise AND operation and stores the result
back in A.
When T = 1, this instruction transfers the con-
tents M(X) and M to the ALU which performs a
bit-wise AND operation and stores the results
back in M(X). When T = 1, the contents of A
remain unchanged, but status flags are
changed.
M(X) represents the contents of memory
where is indicated by X.
This instruction shifts the content of A or M by
one bit to the left, with bit 0 always being set to
0 and bit 7 of A or M always being contained in
C.
This instruction tests the designated bit i of M
or A and takes a branch if the bit is 0. The
branch address is specified by a relative ad-
dress. If the bit is 1, next instruction is
executed.
This instruction tests the designated bit i of the
M or A and takes a branch if the bit is 1. The
branch address is specified by a relative ad-
dress. If the bit is 0, next instruction is
executed.
This instruction takes a branch to the ap-
pointed address if C is 0. The branch address
is specified by a relative address. If C is 1, the
next instruction is executed.
This instruction takes a branch to the ap-
pointed address if C is 1. The branch address
is specified by a relative address. If C is 0, the
next instruction is executed.
This instruction takes a branch to the ap-
pointed address when Z is 1. The branch
address is specified by a relative address.
If Z is 0, the next instruction is executed.
This instruction takes a bit-wise logical AND of
A and M contents; however, the contents of A
and M are not modified.
The contents of N, V, Z are changed, but the
contents of A, M remain unchanged.
This instruction takes a branch to the ap-
pointed address when N is 1. The branch
address is specified by a relative address.
If N is 0, the next instruction is executed.
This instruction takes a branch to the ap-
pointed address if Z is 0. The branch address
is specified by a relative address. If Z is 1, the
next instruction is executed.
ADC
(Note 1)
(Note 5)
AND
(Note 1)
ASL
BBC
(Note 4)
BBS
(Note 4)
BCC
(Note 4)
BCS
(Note 4)
BEQ
(Note 4)
BIT
BMI
(Note 4)
BNE
(Note 4)
7
0
C
←
←0
29 2
2
0A 2
1
03
+
20i
17
+
20i
07
+
20i
06 5
2
25 3
2
3
65 3
2
69 2
2
4
4
2
2
13
+
20i
5
5
3
3
24
When T = 0
A
← A + M + C
When T = 1
M(X)
← M(X) + M + C
When T = 0
A
← A M
When T = 1
M(X)
← M(X) M
Ai or Mi = 0?
Ai or Mi = 1?
C = 0?
C = 1?
Z = 1?
A
M
N = 1?
Z = 0?
2
3.7 Machine instructions
BIT, A, R
BIT, ZP, R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com