Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 370Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 371Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 372Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 373Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 374Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 375Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 376Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 377Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 387 page
background image
Addressing mode
Symbol
Function
Details
IMP
IMM
A
BIT, A
ZP
BIT, ZP
OP n# OP n# OP n# OP n# OP n#
OP n
#
3-84
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.7 Machine instructions
This instruction takes a branch to the ap-
pointed address if N is 0. The branch address
is specified by a relative address. If N is 1, the
next instruction is executed.
This instruction branches to the appointed ad-
dress. The branch address is specified by a
relative address.
When the BRK instruction is executed, the
CPU pushes the current PC contents onto the
stack. The BADRS designated in the interrupt
vector table is stored into the PC.
This instruction takes a branch to the ap-
pointed address if V is 0. The branch address
is specified by a relative address. If V is 1, the
next instruction is executed.
This instruction takes a branch to the ap-
pointed address when V is 1. The branch
address is specified by a relative address.
When V is 0, the next instruction is executed.
This instruction clears the designated bit i of A
or M.
This instruction clears C.
This instruction clears D.
This instruction clears I.
This instruction clears T.
This instruction clears V.
When T = 0, this instruction subtracts the con-
tents of M from the contents of A. The result is
not stored and the contents of A or M are not
modified.
When T = 1, the CMP subtracts the contents
of M from the contents of M(X). The result is
not stored and the contents of X, M, and A are
not modified.
M(X) represents the contents of memory
where is indicated by X.
This instruction takes the one’s complement of
the contents of M and stores the result in M.
This instruction subtracts the contents of M
from the contents of X. The result is not stored
and the contents of X and M are not modified.
This instruction subtracts the contents of M
from the contents of Y. The result is not stored
and the contents of Y and M are not modified.
This instruction subtracts 1 from the contents
of A or M.
BPL
(Note 4)
BRA
BRK
BVC
(Note 4)
BVS
(Note 4)
CLB
CLC
CLD
CLI
CLT
CLV
CMP
(Note 3)
COM
CPX
CPY
DEC
N = 0?
PC
← PC ± offset
B
← 1
(PC)
← (PC) + 2
M(S)
← PCH
S
← S – 1
M(S)
← PCL
S
← S – 1
M(S)
← PS
S
← S – 1
I
← 1
PCL
← ADL
PCH
← ADH
V = 0?
V = 1?
Ai or Mi
← 0
C
← 0
D
← 0
I
← 0
T
← 0
V
← 0
When T = 0
A – M
When T = 1
M(X) – M
__
M ← M
X – M
Y – M
A
← A – 1 or
M ← M – 1
18
D8
58
12
B8
2
2
2
2
2
1
1
1
1
1
C9
E0
C0
2
2
2
2
2
2
1A 2
1
1B
+
20i
C5
44
E4
C4
C6
3
5
3
3
5
2
2
2
2
2
1F
+
20i
21
52
00 7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com