Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 137Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 138Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 139Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 140Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 141Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 142Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 143Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 144Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 387 page
background image
2-17
APPLICATION
2.2 Interrupt
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(3)
Interrupt disable flag
The interrupt disable flag is allocated to bit 2 of the processor status register. The interrupt disable
flag controls the acceptance of interrupt request except BRK instruction.
When this flag is “1”, the acceptance of interrupt requests is disabled. When the flag is “0”, the
acceptance of interrupt requests is enabled. This flag is set to “1” with the SEI instruction and is set
to “0” with the CLI instruction.
When a main routine branches to an interrupt processing routine, this flag is automatically set to “1”,
so that multiple interrupts are disabled. To use multiple interrupts, set this flag to “0” with the CLI
instruction within the interrupt processing routine. Figure 2.2.13 shows an example of multiple interrupts.
Table 2.2.2 List of interrupt bits according to interrupt source
INT0/Timer Z
INT1
Serial I/O1 reception
Serial I/O1 transmission/SCL, SDA
Timer X
Timer Y
Timer 1
Timer 2
CNTR0/SCL, SDA
CNTR1/Serial I/O3 reception
Serial I/O2/Timer Z
INT2/I2C
INT3
INT4/CNTR2
A/D converter/Serial I/O3 transmission
Interrupt enable bit
Address
003E16
003E16
003E16
003E16
003E16
003E16
003E16
003E16
003F16
003F16
003F16
003F16
003F16
003F16
003F16
Bit
b0
b1
b2
b3
b4
b5
b6
b7
b0
b1
b2
b3
b4
b5
b6
Interrupt request bit
Address
003C16
003C16
003C16
003C16
003C16
003C16
003C16
003C16
003D16
003D16
003D16
003D16
003D16
003D16
003D16
Bit
b0
b1
b2
b3
b4
b5
b6
b7
b0
b1
b2
b3
b4
b5
b6
Interrupt source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com