Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 140Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 141Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 142Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 143Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 144Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 145Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 146Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 147Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 387 page
background image
2-20
APPLICATION
2.2 Interrupt
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.2.7 Notes on interrupts
(1)
Change of relevant register settings
When the setting of the following registers or bits is changed, the interrupt request bit may be set
to “1”. When not requiring the interrupt occurrence synchronized with these setting, take the following
sequence.
•Interrupt edge selection register (address 003A16)
•Timer XY mode register (address 002316)
•Timer Z mode register (address 002A16)
•I2C START/STOP condition control register (address 001616)
Set the above listed registers or bits as the following sequence.
Fig. 2.2.14 Sequence of changing relevant register
s Reason
When setting the followings, the interrupt request bit may be set to “1”.
•When setting external interrupt active edge
Concerned register: Interrupt edge selection register (address 003A16)
Timer XY mode register (address 002316)
Timer Z mode register (address 002A16)
I2C START/STOP condition control register (address 001616)
•When switching interrupt sources of an interrupt vector address where two or more interrupt
sources are allocated.
Concerned register: Interrupt source selection register (address 003916)
Set the corresponding interrupt enable bit to “0”
(disabled) .
↓
Set the interrupt edge select bit (active edge switch
bit) or the interrupt (source) select bit to “1”.
↓
NOP (One or more instructions)
↓
Set the corresponding interrupt request bit to “0”
(no interrupt request issued).
↓
Set the corresponding interrupt enable bit to “1”
(enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com