Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 162Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 163Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 164Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 165Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 166Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 167Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 168Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 169Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 387 page
background image
2-42
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.3.26 Relevant registers setting
TZM
TZH
FF16
TZL
01
0
1
INTSEL
1
b0
b7
b0
b7
b0
b7
b0
b7
INT0/timer Z interrupt source: Timer Z interrupt
INT4/CNTR2 interrupt source: CNTR2 interrupt
Timer Z mode register (address 002A16)
Timer Z operating mode: Pulse width measurement mode
Timer Z count: Stop
Clear to “0” when starting count
Timer Z high-order (address 002916)
Timer Z low-order (address 002816)
Set initial value “FFFF16” before starting pulse
width measurement. (When not setting the
initial value, count is started from the timer
value before measurement start.)
Interrupt source selection register (address 003916)
Write in latch and timer at the same time
CNTR2 active edge switch: “H” level width measurement
IREQ1
0
b0
b7
Interrupt request register 1 (address 003C16)
Timer Z interrupt request
(Set to “1” automatically when Timer Z underflows)
Timer Z interrupt: Enabled
ICON1
1
b0
b7
Interrupt control register 1 (address 003E16)
IREQ2
0
b0
b7
Interrupt request register 2 (address 003D16)
CNTR2 interrupt request
(Set to “1” automatically when “H” level input came to the end)
10
TYZCSS
01
0
1
b0
b7
Timer Y, Z count source selection register (address 000F16)
Timer Z count source: f(XIN)/16
FF16
1
CNTR2 interrupt: Enabled
ICON2
1
b0
b7
Interrupt control register 2 (address 003F16)
P4D
0
b0
b7
Port P4 direction register (address 000916)
P47/CNTR2: Input mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com