Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 164Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 165Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 166Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 167Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 168Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 169Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 170Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 171Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 387 page
background image
2-44
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.3.28 Control procedure (2)
RTI
(A)
Measurement result (high-order 8 bits)
(A)
Measurement result (low-order 8 bits)
TZH
(A)
TZL
(A)
FFFF16
000016
Count start of
Timer Z
T1 value: Valid
CNTR2
T1
T2
FFFF16
000016
CNTR2
T1
T2
CNTR2 interrupt process routine (Note 1)
CLT (Note 2)
CLD (Note 3)
Push registers to stack
Pop registers
Notes 2: When using Index X mode flag (T)
3: When using Decimal mode flag (D)
•Pushing registers used in interrupt process routine
•Popping registers pushed to stack
•Count value read and storing it to RAM
Note 1: The first value becomes invalid depending on start timing of Timer Z count shown
by the following figure.
Process it by software as necessary.
[ Example 1] • Start Timer Z count when CNTR2 input level is “L”.
(CNTR2 input level can be checked by reading the contents of sharing port P47 register.)
CNTR2 interrupt
T2 value: Valid
CNTR2 interrupt
[ Example 2] • Start Timer Z count when CNTR2 input level is “H”.
Invalidate the first CNTR2 interrupt after start of Timer Z count.
Count start of
Timer z
T1 value: Invalid
CNTR2 interrupt
CNTR2 interrupt
T2 value: Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com