Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 168Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 169Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 170Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 171Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 172Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 173Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 174Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 175Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 387 page
background image
2-48
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.4.3 Structure of Serial I/O1 status register and Serial I/O3 status register
Fig. 2.4.2 Structure of Transmit/Receive buffer register 1 and Transmit/Receive buffer register 3
2.4.2 Relevant registers
Transmit/Receive buffer register 1, Transmit/Receive buffer register 3
b7 b6 b5 b4 b3 b2 b1 b0
Transmit/Receive buffer register 1 (TB1/RB1: address 001816)
Transmit/Receive buffer register 3 (TB3/RB3: address 003016)
b
0
Undefined
At reset R W
1
2
3
4
5
6
7
Functions
The transmission data is written to or the
receive data is read out from this buffer register.
• At write: A data is written to the transmit buffer
register.
• At read: The contents of the receive buffer
register are read out.
Note: The contents of transmit buffer register cannot be read out.
The data cannot be written to the receive buffer register.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Serial I/O1 status register, Serial I/O3 status register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O1 status register (SIO1STS: address 001916)
Serial I/O3 status register (SIO3STS: address 003116)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
1
Transmit buffer
empty flag (TBE)
Receive buffer full
flag (RBF)
0: Transmit shift in progress
1: Transmit shift completed
Transmit shift register
shift completion flag
(TSC)
0: No error
1: Parity error
Parity error flag
(PE)
0: No error
1: Overrun error
Overrun error flag
(OE)
0: No error
1: Framing error
0: (OE) U (PE) U (FE) = 0
1: (OE) U (PE) U (FE) = 1
Framing error flag
(FE)
Summing error flag
(SE)
✕
✕
✕
✕
✕
✕
✕
✕
Nothing is arranged for this bit. This bit is a
write disabled bit. When this bit is read out, the
contents are “1”.
0: Buffer full
1: Buffer empty
0: Buffer empty
1: Buffer full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com