Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 223Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 224Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 225Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 226Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 227Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 228Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 229Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 230Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 387 page
background image
2-103
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
➂ Generating of RESTART condition; Transmission of slave address + read bit
Confirm correct completion of communication at ➁ before generating the RESTART condition.
After confirming correct completion, generate the RESTART condition and perform the transmission
process of “slave address + read bit”. Note that procedure because that is different from ➀’s
process.
As the same reason as ➀, write “slave address + read bit” to the I2C data shift register (address
001116) before performing to make the START condition generate. However, when writing a slave
address to the I2C data shift register in this condition, a slave address is output at that time.
Consequently, the RESTART condition cannot be generated. Therefore, follow the slave reception
procedure before those processes.
In case the arbitration lost detecting flag (AL bit, bit 3 of address 001316) is “1”, return to the
process ➀, because other master devices will have priority to communicate.
When the last received bit (LRB bit; bit 0 of address 001316) is “1”, generate the STOP condition
and make the bus release, because acknowledgment cannot be done owing to BUSY status of the
slave device specified on the SMBUS or other reasons.
Fig. 2.5.24 Transmission process of RESTART condition and slave address + read bit
AL (address 001316), bit 3 ?
0 (not detected)
0 (ACK)
S1 (address 001316)
← 000000002 (Note 1)
LRB (address 001316), bit 0 ?
1 (NACK)
(A)
← 000100012
S0 (address 001116)
← (A)
S1 (address 001316)
← 111100002
SEI (Note 2)
End
STOP condition output
Re-transmission preparation
0 (command transmission)
PIN (address 001316), bit 4 ?
3
CLI (Note 2)
• Slave address value write
• Bus judgment during hold
• Judgment of arbitration lost detection
• ACK confirmation
• Slave receive mode set
• Slave address read out
• Interrupt disabled
• Interrupt enabled
• RESTART condition occurrence
1 (STOP condition)
1 (detected)
Notes 1: Set to the receive mode while the PIN bit is “0”. Do not write “1” to the PIN bit.
2: In this example, the SEI instruction to disable interrupts need not be executed because this
processing is going to be performed in the interrupt processing.
When the START condition is generated out of the interrupt processing, execute the SEI
instruction to disable interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com