Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 227Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 228Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 229Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 230Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 231Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 232Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 233Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 234Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 387 page
background image
2-107
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2004
REJ09B0212-0100Z
3804 Group (Spec.H)
(3)
Communication example in slave device
The slave device follows the procedures ➀ to ➅ shown by Figure 2.5.28.
The only difference from the master device’s communication is an occurrence of interrupt request
after detection of STOP condition.
➀ Reception of START condition; Transmission of ACK bit due to slave address correspondence
➁ Reception of command
➂ Reception of RESTART condition; Reception of slave address + read bit
➃ Transmission of lower data
➄ Transmission of upper data
➅ Reception of STOP condition
Figures 2.5.29 to 2.5.34 show the procedures ➀ to ➅.
Fig. 2.5.28 Communication example as SMBUS slave device
A
Sr
A
P
R/W
A
R/W A
A
S
Master to slave
Slave to master
S: START condition
A: ACK bit
Sr: RESTART condition
P: STOP condition
R/W: Read/Write bit
➀
➁
➂➃➄ ➅
Slave address
7 bits
“0”
8 bits
7 bits
8 bits
8 bits
“1”
Slave address
Command
Interrupt requestInterrupt request
Interrupt request
Interrupt requestInterrupt request
Lower data
Upper data
Interrupt
request
Write
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com