Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 237Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 238Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 239Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 240Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 241Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 242Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 243Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 244Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 387 page
background image
2-117
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2004
REJ09B0212-0100Z
3804 Group (Spec.H)
2.5.8 Notes on programming for SMBUS interface
(1)
Time out process
For a smart battery system, the time out process with a program is required so that the communication
can be completed even when communication is interrupted. It is because there is possibility of
extracting a battery from a PC.
The specifications are defined so that communication has been able to be completed within 25 ms
from START condition to STOP condition and within 10 ms from the ACK pulse to the ACK pulse of
each byte. Accordingly, the following two should be considered as count start conditions.
➀ SDA falling edge caused by SCL/SDA interrupt
This is the countermeasure for a communication interrupt in the middle of from START condition
to a slave address. However, the detection condition must be considered because a interrupt is
also generated by communication from other masters to other slaves.
➁ SMBUS interrupt after receiving slave address
This is the countermeasure for when communication is interrupted from receiving a slave address
until receiving a command.
(2)
Low hold of communication line
The I2C-BUS interface conforms to the I2C-BUS Standard Specifications. However, because the use
condition of SMBUS differs from the I2C-BUS’s, there is possibility of occurrence of the following
problem.
➀ Low hold of SDA line caused by ACK pulse at voltage drop of communication line
When the SMBUS voltage slowly drops, that is caused by extracting a battery from equipment or
turning off a PC’s power or etc., it might be incorrectly treated as the SCL pulse near the threshold
level voltage.
When the SDA is judged “L” in that condition, it becomes the general call and the ACK is transmitted.
However, when the SCL remains “L” at the ACK pulse, the SDA continuously remains “L” until
input of the next SCL pulse.
Countermeasure:
As explained before, start the time out count at the falling of SDA line of START condition and
reset ES0 bit of the S1D register when the time out is satisfied (Note).
Note: Do not use the read-modify-write instruction at this time. Furthermore, when the ES0 bit is
set to “0”, it becomes a general-purpose port ; so that the port must be set to input mode
or “H”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com