Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 239Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 240Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 241Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 242Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 243Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 244Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 245Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 246Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 387 page
background image
2-119
APPLICATION
2.6 PWM
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.6.3 Structure of PWM prescaler
Fig. 2.6.4 Structure of PWM register
PWM prescaler
b7 b6 b5 b4 b3 b2 b1 b0
PWM prescaler
(PREPWM: address 002C16)
b
0
Undefined
At reset R W
1
2
3
4
5
6
7
Functions
•Set the PWM period.
•The value set in this register is written to both
PWM prescaler pre-latch and PWM prescaler
latch at the same time.
• When data is written to this register during
PWM output, the pulse corresponding to
changed value is output at the next period.
• When this register is read out, the count value
of the PWM prescaler latch is read out.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
PWM register
b7 b6 b5 b4 b3 b2 b1 b0
PWM register
(PWM: address 002D16)
b
0
Undefined
At reset R W
1
2
3
4
5
6
7
Functions
• Set the PWM “H” level output interval.
• The value set in this register is written to both
PWM register pre-latch and PWM register
latch at the same time.
• When data is written to this register during
PWM output, the pulse corresponding to
changed value is output at the next period.
• When this register is read out, the contents of
the PWM register latch is read out.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com