Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 293Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 294Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 295Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 296Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 297Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 298Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 299Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 300Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 387 page
background image
3-7
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
Table 3.1.6 Electrical characteristics (2)
(VCC = 2.7 to 5.5 V, Ta = –20 to 85 °C, f(XCIN)=32.768kHZ (Stoped in middle-speed mode), Output transistors “off”,
AD converter not operated)
Power source
current
Limits
Parameter
Max.
Symbol
Unit
f(XIN) = 16.8 MHz
f(XIN) = 12.5 MHz
f(XIN) = 8.4 MHz
f(XIN) = 4.2 MHz
f(XIN) = 16.8 MHz (in WIT state)
f(XIN) = 8.4 MHz
f(XIN) = 4.2 MHz
f(XIN) = 2.1 MHz
f(XIN) = 16.8 MHz
f(XIN) = 12.5 MHz
f(XIN) = 8.4 MHz
f(XIN) = 16.8 MHz (in WIT state)
f(XIN) = 12.5 MHz
f(XIN) = 8.4 MHz
f(XIN) = 6.3 MHz
f(XIN) = stopped
In WIT state
f(XIN) = stopped
In WIT state
Ta = 25 °C
Ta = 85 °C
f(XIN) = 16.8 MHz, VCC = 5V
In Middle-, high-speed mode
Test conditions
ICC
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
µA
µA
µA
µA
µA
µA
µA
High-speed
mode
Middle-speed
mode
Low-speed
mode
In STP state
(All oscillation stopped)
Increment when A/D conversion
is executed
Typ.
Min.
5.5
4.5
3.5
2.2
2.2
2.7
1.8
1.1
3.0
2.4
2.0
2.1
1.7
1.5
1.3
410
4.5
400
3.7
0.55
0.75
1000
VCC = 5V
VCC = 3V
VCC = 5V
VCC = 3V
VCC = 5V
VCC = 3V
8,3
6.8
5.3
3.3
3.3
4.1
2.7
1.7
4.5
3.6
3.0
3.2
2.6
2.3
2.0
630
6.8
600
5.6
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com