Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 296Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 297Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 298Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 299Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 300Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 301Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 302Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 303Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 387 page
background image
3-10
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
Note : When bit 6 of address 001A16 and bit 6 of address 003216 are “1” (clock synchronous).
Divide this value by four when bit 6 of address 001A16 and bit 6 of address 003216 are “0” (UART).
Table 3.1.12 Timing requirements (2)
(VCC = 2.7 to 5.5 V, VSS = 0V, Ta = –20 to 85 °C, unless otherwise noted)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Max.
Symbol
Unit
Typ.
Min.
250
320
500
120
150
240
120
150
240
70
90
100
32
40
50
500
650
1000
200
260
400
200
260
400
100
130
200
100
130
150
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
4.5
≤VCC≤5.5 V
4.0
≤VCC<4.5 V
2.7
≤VCC<4.0 V
Serial I/O1, serial I/O3
clock input cycle time (Note)
Serial I/O1, serial I/O3
clock input “H” pulse width (Note)
Serial I/O1, serial I/O3
clock input “L” pulse width (Note)
Serial I/O1, serial I/O3
clock input setup time
Serial I/O1, serial I/O3
clock input hold time
Serial I/O2
clock input cycle time
Serial I/O2
clock input “H” pulse width
Serial I/O2
clock input “L” pulse width
Serial I/O2
clock input setup time
Serial I/O2
clock input hold time
tC(SCLK1), tC(SCLK3)
tWH(SCLK1), tWH(SCLK3)
tWL(SCLK1), tWL(SCLK3)
tsu(RxD1-SCLK1),
tsu(RxD3-SCLK3)
th(SCLK1-RxD1),
th(SCLK3-RxD3)
tC(SCLK2)
tWH(SCLK2)
tWL(SCLK2)
tsu(SIN2-SCLK2)
th(SCLK2-SIN2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com