Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 300Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 301Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 302Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 303Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 304Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 305Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 306Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 307Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 387 page
background image
3-14
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.1 Electrical characteristics
Table 3.1.14 Multi-master I2C-BUS bus line characteristics
Fig. 3.1.4 Timing diagram of multi-master I2C-BUS
tBUF
tHD:STA
tHD:DAT
tLOW
tR
tF
tHIGH
tsu:DAT
tsu:STA
tHD:STA
tsu:STO
SCL
P
S
Sr
P
SDA
S : START condition
Sr: RESTART condition
P : STOP condition
Symbol
Parameter
Unit
Bus free time
Hold time for START condition
Hold time for SCL clock = “0”
Rising time of both SCL and SDA signals
Data hold time
Hold time for SCL clock = “1”
Falling time of both SCL and SDA signals
Data setup time
Setup time for repeated START condition
Setup time for STOP condition
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
Min.
Max.
Min.
Max.
µs
µs
µs
ns
µs
µs
ns
ns
µs
µs
Standard clock mode
High-speed clock mode
Note: Cb = total capacitance of 1 bus line
4.7
4.0
4.7
0
4.0
250
4.7
4.0
1000
300
1.3
0.6
1.3
20+0.1Cb
0
0.6
20+0.1Cb
100
0.6
0.6
300
0.9
300
3.1.8 Multi-master I2C-BUS bus line characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com