Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVR Datasheet(PDF) 5 Page - Texas Instruments

Part # TSC2008RGVR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVR Datasheet(HTML) 5 Page - Texas Instruments

  TSC2008RGVR Datasheet HTML 1Page - Texas Instruments TSC2008RGVR Datasheet HTML 2Page - Texas Instruments TSC2008RGVR Datasheet HTML 3Page - Texas Instruments TSC2008RGVR Datasheet HTML 4Page - Texas Instruments TSC2008RGVR Datasheet HTML 5Page - Texas Instruments TSC2008RGVR Datasheet HTML 6Page - Texas Instruments TSC2008RGVR Datasheet HTML 7Page - Texas Instruments TSC2008RGVR Datasheet HTML 8Page - Texas Instruments TSC2008RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
PIN CONFIGURATION
1
2
3
4
NC
NC
PENIRQ
SDO
X
-
Y+
X+
VDD/REF
13
14
15
16
8
7
6
5
TSC2008
ThermalPad
12
11
10
9
C lumns
o
(FRONTVIEW)
A
C
B
D
Y
-
GND
AUX
SCLK
X
-
X+
VDD/REF
3
2
1
PENIRQ
SDO
CS
Y+
SDI
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
RGV PACKAGE(1)(2)
YZG PACKAGE
4 x 4 QFN-16
WCSP-12
(TOP VIEW)
(TOP VIEW, SOLDER BUMPS ON BOTTOM SIDE)
(1)
The thermal pad is internally connected to
the substrate. The thermal pad can be
connected to the analog ground or left
floating. Keep the thermal pad separate
from the digital ground, if possible.
(2)
RGV (QFN) package available Q1, 2009.
PIN ASSIGNMENTS
PIN NO.
PIN
QFN
WCSP
NAME
I/O
A/D
DESCRIPTION
1
—
NC
No connection
2
B1
SDI
I
D
Serial data input
3
A1
CS
I
D
Chip select
4
A2
SCLK
I
D
Serial clock input
5
A3
VDD/REF
Supply voltage and external reference input
6
B3
X+
I
A
X+ channel input
7
C3
Y+
I
A
Y+ channel input
8
D3
X–
I
A
X– channel input
9
D2
Y–
I
A
Y– channel input
10
B2
GND
Ground
11
—
NC
No connection
12
C2
AUX
I
A
Auxiliary channel input. If not used, this input should be grounded.
13
—
NC
No connection
14
—
NC
No connection
Pen touch interrupt output. Active low when pen is touched. The output remains low until conversion is
15
D1
PENIRQ
O
D
complete or pen touch is released. The rising edge signals the end of conversion (EOC).
16
C1
SDO
O
D
Serial data output
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com