Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVR Datasheet(PDF) 16 Page - Texas Instruments

Part # TSC2008RGVR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSC2008RGVR Datasheet HTML 12Page - Texas Instruments TSC2008RGVR Datasheet HTML 13Page - Texas Instruments TSC2008RGVR Datasheet HTML 14Page - Texas Instruments TSC2008RGVR Datasheet HTML 15Page - Texas Instruments TSC2008RGVR Datasheet HTML 16Page - Texas Instruments TSC2008RGVR Datasheet HTML 17Page - Texas Instruments TSC2008RGVR Datasheet HTML 18Page - Texas Instruments TSC2008RGVR Datasheet HTML 19Page - Texas Instruments TSC2008RGVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Reference Mode
Converter
+IN
+REF
Y+
VDD/REF
X+
Y
-
GND
-REF
-IN
Converter
+IN
+REF
Y+
VDD/REF
X+
Y
-
GND
-REF
-IN
TSC2008
SBAS406A – JUNE 2008 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
There is a critical item regarding the reference when making measurements while the switch drivers are on. For
this discussion, it is useful to consider the basic operation of the TSC2008 (see Figure 20). This particular
application shows the device being used to digitize a resistive touch screen. A measurement of the current Y
position of the pointing device is made by connecting the X+ input to the A/D converter, turning on the Y+ and Y–
drivers, and digitizing the voltage on X+, as shown in Figure 25. For this measurement, the resistance in the X+
lead does not affect the conversion; it does affect the settling time, but the resistance is usually small enough
that this is not a concern. However, because the resistance between Y+ and Y– is fairly low, the on-resistance of
the Y drivers does make a small difference. Under the situation outlined so far, it would not be possible to
achieve a 0V input or a full-scale input regardless of where the pointing device is on the touch screen because
some voltage is lost across the internal switches. In addition, the internal switch resistance is unlikely to track the
resistance of the touch screen, providing an additional source of error.
Figure 25. Simplified Diagram of Single-Ended Reference
This situation is resolved, as shown in Figure 26, by using the differential mode; the +REF and –REF inputs are
connected directly to Y+ and Y–, respectively. This mode makes the A/D converter ratiometric. The result of the
conversion is always a percentage of the external reference, regardless of how it changes in relation to the
on-resistance of the internal switches. Note that there is an important consideration regarding power dissipation
when using the ratiometric mode of operation (see the Power Dissipation section for more details).
Figure 26. Simplified Diagram of Differential Reference
(Both Y Switches are Enabled, and X+ is the Analog Input)
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com