Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVR Datasheet(PDF) 25 Page - Texas Instruments

Part # TSC2008RGVR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSC2008RGVR Datasheet HTML 21Page - Texas Instruments TSC2008RGVR Datasheet HTML 22Page - Texas Instruments TSC2008RGVR Datasheet HTML 23Page - Texas Instruments TSC2008RGVR Datasheet HTML 24Page - Texas Instruments TSC2008RGVR Datasheet HTML 25Page - Texas Instruments TSC2008RGVR Datasheet HTML 26Page - Texas Instruments TSC2008RGVR Datasheet HTML 27Page - Texas Instruments TSC2008RGVR Datasheet HTML 28Page - Texas Instruments TSC2008RGVR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
8-BIT OPERATION TIMING
1
SCLK
CS
8
1
1
1
SDO
PENIRQ
S
SDI
ControlBits
S
ControlBits
HIGH: Disableor(EnableandNotTouched)
New
Definition
PENIRQ
LOW: EnableandTouched
7
6
5
7
6
5
4
3
2
1
0
8
1
1
8
A2 A1 A0 MODE
SER/
DFR
PD1 PD0
A2 A1 A0 MODE
SER/
DFR
PD1 PD0
n
n +1
n
n +1
HIGH: Disableor
(EnableandNotTouched)
LOW: EnableandTouched
Idle
Acquire Conv
Idle
Acquire Conv
Idle
New
Def
PENIRQ
1
SCLK
CS
8
1
SDO
PENIRQ
S
SDI
ControlBits
S
1
1
ControlBits
HIGH: Disableor(EnableandNotTouched)
LOW: EnableandTouched
7
6
5
7
6
5
4
4
3
2
1
0
8
1
A2 A1 A0 MODE
SER/
DFR
PD1 PD0
A2 A1 A0 MODE
SER/
DFR
PD1 PD0
n
n +1
n
n +1
HIGH: Disableor
(EnableandNotTouched)
LOW: EnableandTouched
Idle
Acquire Conv
Idle
Acquire
Conv
Idle
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
If the 8-bit ADC mode produces an acceptable result, then 16 SCLKs per cycle operation can also be used, as
shown in Figure 32. If SDO is released one-half SCLK cycle earlier (with the SDO adjusted option), the fastest
transfer (eight SCLKs per cycle) is achievable; see Figure 33.
Figure 32. Conversion Timing—8-Bit Mode, 16 SCLKs per Cycle, 8-Bit Bus Interface, without Adjusted
SDO Timing (TSC2046-Compatible)
Figure 33. Conversion Timing—8-Bit Mode, 8 SCLKs per Cycle, 8-Bit Bus Interface, with Adjusted SDO
Timing
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com