Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TSC2008RGVR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2008RGVR Datasheet HTML 3Page - Texas Instruments TSC2008RGVR Datasheet HTML 4Page - Texas Instruments TSC2008RGVR Datasheet HTML 5Page - Texas Instruments TSC2008RGVR Datasheet HTML 6Page - Texas Instruments TSC2008RGVR Datasheet HTML 7Page - Texas Instruments TSC2008RGVR Datasheet HTML 8Page - Texas Instruments TSC2008RGVR Datasheet HTML 9Page - Texas Instruments TSC2008RGVR Datasheet HTML 10Page - Texas Instruments TSC2008RGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TIMING REQUIREMENTS
(1)
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
All specifications typical at –40°C to +85°C, VDD = 1.6V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
1.2V
≤ VDD < 1.6V, 40% to 60% duty cycle
182
ns
tC(SCLK)
SPI serial clock cycle time
1.6
≤ VDD < 2.7V, 40% to 60% duty cycle
62.5
ns
2.7V
≤ VDD ≤ 3.6V, 40% to 60% duty cycle
40
ns
1.2V
≤ VDD < 1.6V, 10pF load
5.5
MHz
fSCLK
SPI serial clock frequency
1.6
≤ VDD < 2.7V, 10pF load
16
MHz
2.7V
≤ VDD ≤ 3.6V, 10pF load
25
MHz
tWH(SCLK)
SPI serial clock high time
0.4 × tC(SCLK)
0.6 × tC(SCLK)
ns
tWL(SCLK)
SPI serial clock low time
0.4 × tC(SCLK)
0.6 × tC(SCLK)
ns
1.2V
≤ VDD < 1.6V
22
ns
tSU(CSF-SCLK1R)
Enable lead time
1.6
≤ VDD < 3.6V
14
ns
1.2V
≤ VDD < 1.6V
55
ns
tD(CSF-SDOVALID)
Slave access time
1.6
≤ VDD < 3.6V
25
ns
1.2V
≤ VDD < 1.6V
40
80
ns
tH(SCLKF-SDOVALID)
MISO data hold time
1.6
≤ VDD < 3.6V
6
30
ns
1.2V
≤ VDD < 1.6V
50
ns
tWH(CS)
Sequential transfer delay
1.6
≤ VDD < 3.6V
20
ns
1.2V
≤ VDD < 1.6V
25
ns
tSU(SDI-SCLKR)
MOSI data setup time
1.6
≤ VDD < 3.6V
10
ns
tH(SDI-SCLKR)
MOSI data hold time
5
ns
1.2V
≤ VDD < 1.6V
55
ns
tDIS(CSR-SDOZ)
Slave MISO disable time
1.6
≤ VDD < 3.6V
25
ns
1.2V
≤ VDD < 1.6V
50
ns
tSU(SCLKF-CSR)
Enable lag time
1.6
≤ VDD < 3.6V
20
ns
1.2V
≤ VDD < 1.6V
55
ns
PENIRQ (used as BUSY)
tD(SCLKR-PENIRQF)
delay from SCLK rising edge 1.6 ≤ VDD < 3.6V
25
ns
Setup time from PENIRQ
1.2V
≤ VDD < 1.6V
50
ns
tSU(PENIRQR-SCLKR)
(used as BUSY) to the rising
1.6
≤ VDD < 3.6V
20
ns
edge of SCLK
tD(RESET)
Reset period requirement
200
ns
tR
Rise time
VDD = 3V, fSCLK = 25MHz
3
ns
tF
Fall time
VDD = 3V, fSCLK = 25MHz
3
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com