Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVR Datasheet(PDF) 27 Page - Texas Instruments

Part # TSC2008RGVR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSC2008RGVR Datasheet HTML 23Page - Texas Instruments TSC2008RGVR Datasheet HTML 24Page - Texas Instruments TSC2008RGVR Datasheet HTML 25Page - Texas Instruments TSC2008RGVR Datasheet HTML 26Page - Texas Instruments TSC2008RGVR Datasheet HTML 27Page - Texas Instruments TSC2008RGVR Datasheet HTML 28Page - Texas Instruments TSC2008RGVR Datasheet HTML 29Page - Texas Instruments TSC2008RGVR Datasheet HTML 30Page - Texas Instruments TSC2008RGVR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
12-Bit Operation
8-Bit Operation
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
For 12-bit operation, sending the conversion result across the SPI bus takes 16 or 24 bus clocks (SCLK clock);
see Figure 31 and Figure 30. There is an additional SCLK to be added to accommodate the cycle overhead (time
between consecutive cycles) so that the total bus cycle time used for calculating the throughput is actually 17 or
25 bus clocks (SCLK clock), respectively. Using a TSC2046-compatible SDO output mode or an SDO-adjusted
output mode does not affect the transmission time.
Seven sample-and-conversions take (19 x 7) internal clocks to complete. The MAV filter loop requires 19 internal
clocks. For VDD = 1.2V, the complete processed data cycle time calculations are shown in Table 6. Because the
first acquisition cycle overlaps with the I/O cycle, four CCLKs must be deducted from the total CCLK cycles. The
total time required is (19 × 7 + 19) – 4 = 148 CCLKs plus I/O.
For 8-bit operation, sending the conversion result across the SPI bus takes 8, 16, or 24 bus clocks (SCLK clock);
see Figure 33, Figure 32, and Figure 30. There is an additional SCLK to be added to accommodate the cycle
overhead (time between consecutive cycles) so that the total bus cycle time used for calculating the throughput is
actually 9, 17, or 25 bus clocks (SCLK clock), respectively. Sending the conversion result takes 17 or 25 SCLKs
using 8-bit resolution and a TSC2046-compatible SDO output mode. If an SDO-adjusted output mode is used
with 8-bit resolution, it takes only 9 or 17 SCLKs to send the result back to host.
Seven sample-and-conversions take (16 x 7) internal clocks to complete. The MAV filter loop takes 19 internal
clocks. For VDD = 1.2V, the complete processed data cycle time calculations are shown in Table 6. Because the
first acquisition cycle is overlapped with the I/O cycle, four CCLKs must be deducted from the total CCLK cycles.
The total time required is (16 × 7 + 19) – 4 = 127 CCLKs plus I/O.
Table 6. Measurement Cycle Time Calculations(1)(2)
fSCLK = 100kHz (Period = 10µs)
8-Bit
17 × 10
µs + 127 × 322.6ns = 211.0µs
12-Bit
25 × 10
µs + 148 × 645.2ns = 345.5µs
fSCLK = 1MHz (Period = 1µs)
8-Bit
17 × 1
µs + 127 × 322.6ns = 58.0µs
12-Bit
25 × 1
µs + 148 × 645.2ns = 120.5µs
fSCLK = 2MHz (Period = 500ns)
8-Bit
17 × 500ns + 127 × 322.6ns = 49.5
µs
12-Bit
25 × 500ns + 148 × 645.2ns = 108.0
µs
fSCLK = 2.5MHz (Period = 400ns)
8-Bit
17 × 400ns + 127 × 322.6ns = 47.8
µs
12-Bit
25 × 400ns + 148 × 645.2ns = 105.5
µs
fSCLK = 4MHz (Period = 250ns)
8-Bit
17 × 250ns + 127 × 322.6ns = 45.2
µs
12-Bit
25 × 250ns + 148 × 645.2ns = 101.7
µs
fSCLK = 10MHz (Period = 100ns)
8-Bit
17 × 100ns + 127 × 322.6ns = 42.7
µs
12-Bit
25 × 100ns + 148 × 645.2ns = 98.0
µs
fSCLK = 16MHz (Period = 62.5ns)
8-Bit
17 × 62.5ns + 127 × 322.6ns = 42.0
µs
12-Bit
25 × 62.5ns + 148 × 645.2ns = 97.1
µs
fSCLK = 25MHz (Period = 40ns)
8-Bit
17 × 40ns + 127 × 322.6ns = 41.7
µs
12-Bit
25 × 40ns + 148 × 645.2ns = 96.5
µs
(1)
8-bit mode cycle time is calculated based on SDO-adjusted output mode.
(2)
CCLK period used for calculation is worst-case at 1.2V supply, 322.6ns.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com