Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVR Datasheet(PDF) 18 Page - Texas Instruments

Part # TSC2008RGVR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TSC2008RGVR Datasheet HTML 14Page - Texas Instruments TSC2008RGVR Datasheet HTML 15Page - Texas Instruments TSC2008RGVR Datasheet HTML 16Page - Texas Instruments TSC2008RGVR Datasheet HTML 17Page - Texas Instruments TSC2008RGVR Datasheet HTML 18Page - Texas Instruments TSC2008RGVR Datasheet HTML 19Page - Texas Instruments TSC2008RGVR Datasheet HTML 20Page - Texas Instruments TSC2008RGVR Datasheet HTML 21Page - Texas Instruments TSC2008RGVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
GND
V
DD
PenTouch
X+
Y+
Y-
HighwhentheX+orY+
driverison,orwhenany
sensorconnection/short-
circuittestsareactivated.
GND
ON
Sense
Viasgotosystemanaloggroundplane.
GND
Highwhen
theX+orY+
driverison.
Control
Logic
R
IRQ
VDD/REF
PENIRQ
Connectto
AnalogSupply
Preprocessing
7Acquired
Data
7
7m asu
e
rementsinput
intotemporaryarray
Sortby
descendingorder
7
Averagingoutp t
u
fromwindowof3
3
TSC2008
SBAS406A – JUNE 2008 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
Figure 27. Example of a Pen-Touch Induced Interrupt via the PENIRQ Pin
The TSC2008 has a fixed combined MAV filter (median value filter and averaging filter).
MAV Filter
If the acquired signal source is noisy because of the digital switching circuit, it may necessary to evaluate the
data without noise. In this case, the median value filter operation helps remove the noise. The array of seven
converted results is sorted first. The middle three values are then averaged to produce the output value of the
MAV filter.
The MAV filter is applied to all measurements for all analog inputs including the touch screen inputs, temperature
measurements TEMP1 and TEMP2, and auxiliary input AUX. To shorten the conversion time, the MAV filter may
be bypassed though the setup command; see Table 2 and Table 4.
Figure 28. MAV Filter Operation (Patent Pending)
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com