Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVR Datasheet(PDF) 8 Page - Texas Instruments

Part # TSC2008RGVR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSC2008RGVR Datasheet HTML 4Page - Texas Instruments TSC2008RGVR Datasheet HTML 5Page - Texas Instruments TSC2008RGVR Datasheet HTML 6Page - Texas Instruments TSC2008RGVR Datasheet HTML 7Page - Texas Instruments TSC2008RGVR Datasheet HTML 8Page - Texas Instruments TSC2008RGVR Datasheet HTML 9Page - Texas Instruments TSC2008RGVR Datasheet HTML 10Page - Texas Instruments TSC2008RGVR Datasheet HTML 11Page - Texas Instruments TSC2008RGVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TYPICAL CHARACTERISTICS
-
40
-
20
0
20
40
60
80
100
Temperature( C)
°
450
400
350
300
250
200
SPI=2.5MHz
SPI=10MHz
SPI=5MHz
-40
-20
0
20
40
60
80
100
Temperature(°C)
100
80
60
40
20
0
VDD=1.6V
VDD=3.6V
VDD=3.0V
VDD(V)
1.2
1.6
2.0
2.4
2.8
3.2
650
600
550
500
450
400
350
300
250
200
150
3.6
SPI=2.5MHz
SPI=10MHz
SPI=5MHz
VDD(V)
1.2
1.6
2.0
2.4
2.8
3.2
250
200
150
100
50
0
3.6
MAVBypassed,
SPI=5MHz
WithMAV,
SPI=5MHz
X,Y,ZConversionat200SSPS
TouchSensorModeledBy:
2kW
-Plane
forX
2kW
-Plane
forY
1kW
ouchResistance)
forZ(T
T
A =+25°C
VDD(V)
1.2
1.6
2.0
2.4
2.8
3.2
100
90
80
70
60
50
40
30
20
10
0
3.6
SPI=2.5MHz
SPI=10MHz
SPI=5MHz
-
40
-
20
0
20
40
60
80
100
Temperature( C)
°
30
25
20
15
10
5
0
SPI=2.5MHz
SPI=10MHz
SPI=5MHz
TSC2008
SBAS406A – JUNE 2008 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
At TA = –40°C to +85°C, VDD = +1.2V to +3.6V, PD1 = PD0 = 0, fSCLK = 10MHz, fADC = fOSC/2 = 2MHz, 12-bit mode,
non-continuous AUX measurement, and MAV filter enabled (see MAV Filter section), unless otherwise noted.
POWER-DOWN SUPPLY CURRENT
SUPPLY CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 3.
Figure 4.
SUPPLY CURRENT
SUPPLY CURRENT
AUX CONVERSION
vs SUPPLY VOLTAGE
Figure 5.
Figure 6.
SUPPLY CURRENT (Part Not Addressed)
SUPPLY CURRENT (Part Not Addressed)
vs TEMPERATURE
vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com