Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVR Datasheet(PDF) 11 Page - Texas Instruments

Part # TSC2008RGVR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2008RGVR Datasheet HTML 7Page - Texas Instruments TSC2008RGVR Datasheet HTML 8Page - Texas Instruments TSC2008RGVR Datasheet HTML 9Page - Texas Instruments TSC2008RGVR Datasheet HTML 10Page - Texas Instruments TSC2008RGVR Datasheet HTML 11Page - Texas Instruments TSC2008RGVR Datasheet HTML 12Page - Texas Instruments TSC2008RGVR Datasheet HTML 13Page - Texas Instruments TSC2008RGVR Datasheet HTML 14Page - Texas Instruments TSC2008RGVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
OVERVIEW
X+
Y+
X-
Y-
AuxilaryInput
GND
TSC2008
GND
1 Fto
10 F
m
m
0.1 F
m
Touch
Screen
GPIO
SDI
SCLK
Host
Processor
PENIRQ
SDO
SCLK
1.8VDC
GPIO
SDO
CS
SDI
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
The TSC2008 is an analog interface circuit for a human interface touch screen device. All peripheral functions
are controlled through the command byte and onboard state machines. While maintaining similarity in hardware,
command, and software to its predecessor, the TSC2046 (or TSC2046E), the TSC2008 includes significant
improvements such as:
• Much stronger and more comprehensive electrostatic discharge (ESD) protection
• Uses only 1/13 power for equivalent performance
• 1/7 bus traffic
• 3/16 size
• Direct 1.8V interface
• Prudent reset scheme
• Saves 1/7 power if 8-bit SDO adjusted output mode used
The TSC2008 consists of the following blocks (refer to the block diagram on the front page):
• Touch Screen Sensor Drivers
• Auxiliary Input (AUX)
• Temperature Sensor
• Acquisition Activity Preprocessing
• Internal Conversion Clock
• SPI Interface
Communication with the TSC2008 is done via an SPI serial interface. The TSC2008 is an SPI slave device;
therefore, data are shifted into or out of the TSC2008 under the control of the host microprocessor, which also
provides the serial data clock.
Control of the TSC2008 and its functions is accomplished by writing to the command register of an internal state
machine. A simple command protocol (compatible with SPI) is used to address this register.
A typical application of the TSC2008 is shown in Figure 20.
Figure 20. Typical Circuit Configuration
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com