Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVR Datasheet(PDF) 24 Page - Texas Instruments

Part # TSC2008RGVR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TSC2008RGVR Datasheet HTML 20Page - Texas Instruments TSC2008RGVR Datasheet HTML 21Page - Texas Instruments TSC2008RGVR Datasheet HTML 22Page - Texas Instruments TSC2008RGVR Datasheet HTML 23Page - Texas Instruments TSC2008RGVR Datasheet HTML 24Page - Texas Instruments TSC2008RGVR Datasheet HTML 25Page - Texas Instruments TSC2008RGVR Datasheet HTML 26Page - Texas Instruments TSC2008RGVR Datasheet HTML 27Page - Texas Instruments TSC2008RGVR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
12-BIT OPERATION TIMING
t
ACQ
Idle
Acquire
Conv
1
0
Idle
1
SCLK
CS
8
1
11
SDO
Drivers1and2
(1)
(SER/DFRHigh)
Drivers1and2
(1, 2)
(SER/DFRLow)
(MSB)
(START)
(LSB)
A2
S
On
On
Off
Off
Off
Off
SDI
A1
A0 MODE
SER/
DFR
PD1 PD0
10
9
8
7
6
5
4
3
2
1
0
ZeroFilled...
8
1
8
NOTES: (1)ForY-Position,Driver1isonX+isselected,andDriver2isoff.ForX-Position,Driver1isoff,Y+isselected,andDriver2ison.Y willturnon
-
whenpower-downmodeisenteredandPD0=0.
(2)DriverswillremainonifPD0=1(nopowerdown)untilselectedinputchannel,orpower
ishigh.
-downmodeischanged,or CS
PENIRQ
HIGH: Disableor(EnableandNotTouched)
New
Definition
PENIRQ
LOW: EnableandTouched
HIGH: Disableor
(EnableandNotTouched)
LOW: EnableandTouched
1
SCLK
CS
8
1
SDO
PENIRQ
S
SDI
ControlBits
S
ControlBits
HIGH: Disableor(EnableandNotTouched)
NewPENIRQDefinition
LOW: EnableandTouched
8
1
1
8
11 10
9
8
7
6
5
4
3
2
1
0
11 10
9
A2
1
1
A1 A0 MODE
SER/
DFR
PD1 PD0
A2 A1 A0 MODE
SER/
DFR
PD1 PD0
n
n +1
n
n +1
HIGH: Disableor
(EnableandNotTouched)
LOW: EnableandTouched
Idle
Acquire Conv
Idle
Acquire Conv
Idle
TSC2008
SBAS406A – JUNE 2008 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
A single touch result can be easily achieved using 24 SCLKs per cycle operation when the 12-bit ADC mode is
used, as shown in Figure 30. However, because this operation uses slightly more bus bandwidth, a more efficient
method is to overlap the control bytes with the conversion result using 16 SCLKs per cycle operation; see
Figure 31.
Figure 30. Conversion Timing—12-Bit Mode, 24 SCLKs per Cycle, 8-Bit Bus Interface
The control bits for conversion n + 1 can be overlapped with conversion n to allow for a conversion every 16
clock cycles, as shown in Figure 31. After submitting the control bits, the TSC2008 uses the internal clock to
acquire data from seven conversions (see Figure 28). Deselecting the TSC2008 (CS = '1') during this time period
allows the host to communicate with the other peripherals using the same SPI bus before reading out the ADC
data.
Figure 31. Conversion Timing—12-Bit Mode, 16 SCLKs per Cycle, 8-Bit Bus Interface, with Earliest Start
of New Command
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com