Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1201 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSA1201
Description  12-BIT, 50MSPS, 150mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1201 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSA1201 Datasheet HTML 5Page - STMicroelectronics TSA1201 Datasheet HTML 6Page - STMicroelectronics TSA1201 Datasheet HTML 7Page - STMicroelectronics TSA1201 Datasheet HTML 8Page - STMicroelectronics TSA1201 Datasheet HTML 9Page - STMicroelectronics TSA1201 Datasheet HTML 10Page - STMicroelectronics TSA1201 Datasheet HTML 11Page - STMicroelectronics TSA1201 Datasheet HTML 12Page - STMicroelectronics TSA1201 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TSA1201
9/20
Static parameter: Integral Non Linearity
Fs=50MSPS; Fin=1MHz; Icca=45mA; N=131072pts
Static parameter: Differential Non Linearity
Fs=50MSPS; Fin=1MHz; Icca=45mA; N=131072pts
Linearity vs. VCCA
Fs=50MSPS; Icca=45mA; Fin=10MHz
Distortion vs. VCCA
Fs=50MSPS; Icca=45mA; Fin=10MHz
-3
-2
-1
0
1
2
3
0
5 00
1000
15 00
20 00
2 500
3 000
3500
4000
O u t put C ode
-2
-1 .5
-1
-0 .5
0
0.5
1
1.5
2
0
5 00
10 00
15 00
2 0 0 0
2 50 0
3 00 0
3 5 0 0
4 0 0 0
O u tp ut C ode
62
62.5
63
63.5
64
64.5
65
65.5
66
66.5
67
2.25
2.35
2.45
2.55
2.65
VCCA (V)
10
10.2
10.4
10.6
10.8
11
11.2
11.4
11.6
11.8
12
SINAD
ENOB
SNR
-82
-81
-80
-79
-78
-77
-76
-75
-74
-73
-72
2.25
2.35
2.45
2.55
2.65
VCCA (V)
SFDR
THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com