Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1201 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSA1201
Description  12-BIT, 50MSPS, 150mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1201 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSA1201 Datasheet HTML 6Page - STMicroelectronics TSA1201 Datasheet HTML 7Page - STMicroelectronics TSA1201 Datasheet HTML 8Page - STMicroelectronics TSA1201 Datasheet HTML 9Page - STMicroelectronics TSA1201 Datasheet HTML 10Page - STMicroelectronics TSA1201 Datasheet HTML 11Page - STMicroelectronics TSA1201 Datasheet HTML 12Page - STMicroelectronics TSA1201 Datasheet HTML 13Page - STMicroelectronics TSA1201 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TSA1201
10/20
Linearity vs. VCCD
Fs=50MSPS; Icca=45mA; Fin=10MHz
Linearity vs. VCCBE
Fs=50MSPS; Icca=45mA; Fin=10MHz
Linearity vs. Fs
Icca=45mA; Fin=10MHz
Distortion vs. VCCD
Fs=50MSPS; Icca=45mA; Fin=10MHz
Distortion vs. VCCBE
Fs=50MSPS; Icca=45mA; Fin=10MHz
Distortion vs. Fs
Icca=45mA; Fin=10MHz
61
61.5
62
62.5
63
63.5
64
64.5
65
65.5
66
2.25
2.35
2.45
2.55
2.65
VCCD (V)
10
10.2
10.4
10.6
10.8
11
11.2
11.4
11.6
11.8
12
SINAD
ENOB
SNR
60
61
62
63
64
65
66
2.25
2.35
2.45
2.55
2.65
VCCBE (V)
10
10.2
10.4
10.6
10.8
11
11.2
11.4
11.6
11.8
12
SINAD
ENOB
SNR
50
52
54
56
58
60
62
64
66
68
70
15
25
35
45
55
65
75
Fs (MHz)
9.5
10
10.5
11
11.5
12
ENOB
SNR
SINAD
-85
-83
-81
-79
-77
-75
-73
-71
2.25
2.35
2.45
2.55
2.65
VCCD (V)
THD
SFDR
-82
-81
-80
-79
-78
-77
-76
-75
-74
-73
-72
2.25
2.35
2.45
2.55
2.65
VCCBE (V)
SFDR
THD
-90
-85
-80
-75
-70
-65
-60
-55
-50
15
25
35
45
55
65
75
Fs (MHz)
THD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com