Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1201 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSA1201
Description  12-BIT, 50MSPS, 150mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1201 Datasheet(HTML) 3 Page - STMicroelectronics

  TSA1201 Datasheet HTML 1Page - STMicroelectronics TSA1201 Datasheet HTML 2Page - STMicroelectronics TSA1201 Datasheet HTML 3Page - STMicroelectronics TSA1201 Datasheet HTML 4Page - STMicroelectronics TSA1201 Datasheet HTML 5Page - STMicroelectronics TSA1201 Datasheet HTML 6Page - STMicroelectronics TSA1201 Datasheet HTML 7Page - STMicroelectronics TSA1201 Datasheet HTML 8Page - STMicroelectronics TSA1201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TSA1201
3/20
PIN CONNECTIONS (top view)
PIN DESCRIPTION
VREFM
VREFP
D2
D3
D4
D5
D6
D7
D8
VINB
AGND
AGND
index
corner
13
14 15
16
17
18
19
20
21
22
47
1
2
3
4
5
6
7
8
9
10
11
12
23
24
32
31
30
29
28
27
26
25
33
35
34
36
48
44 43
42
41
40
39
38
37
46
45
AGND
VIN
D9
D10
AVCC
AVCC
AGND
IPOL
INCM
NC
D0 (LSB)
D1
TSA1201
Pin No
Name
Description
Observation
Pin No
Name
Description
Observation
1
IPOL
Analog bias current input
25
D10
Digital output
CMOS output (2.5V/3.3V)
2
VREFP
Top voltage reference
1V
26
D9
Digital output
CMOS output (2.5V/3.3V)
3
VREFM
Bottom voltage reference
0V
27
D8
Digital output
CMOS output (2.5V/3.3V)
4
AGND
Analog ground
0V
28
D7
Digital output
CMOS output (2.5V/3.3V)
5
VIN
Analog input
1Vpp
29
D6
Digital output
CMOS output (2.5V/3.3V)
6
AGND
Analog ground
0V
30
D5
Digital output
CMOS output (2.5V/3.3V)
7
VINB
Inverted analog input
1Vpp
31
D4
Digital output
CMOS output (2.5V/3.3V)
8
AGND
Analog ground
0V
32
D3
Digital output
CMOS output (2.5V/3.3V)
9
INCM
Input common mode
0.5V
33
D2
Digital output
CMOS output (2.5V/3.3V)
10
AGND
Analog ground
0V
34
D1
Digital output
CMOS output (2.5V/3.3V)
11
AVCC
Analog power supply
2.5V
35
D0(LSB)
Least Significant Bit output
CMOS output (2.5V/3.3V)
12
AVCC
Analog power supply
2.5V
36
NC
Non connected
13
DVCC
Digital power supply
2.5V
37
NC
Non connected
14
DVCC
Digital power supply
2.5V
38
DR
Data Ready output
CMOS output (2.5V/3.3V)
15
DGND
Digital ground
0V
39
VCCBE
Digital Buffer power supply
2.5V/3.3V
16
CLK
Clock input
2.5V compatible CMOS input
40
GNDBE
Digital Buffer ground
0V
17
DGND
Digital ground
0V
41
VCCBI
Digital Buffer power supply
2.5V
18
NC
Non connected
42
NC
Non connected
19
DGND
Digital ground
0V
43
SRC
Slew rate control input
2.5V/3.3V CMOS input
20
GNDBI
Digital buffer ground
0V
44
OEB
Output Enable input
2.5V/3.3V CMOS input
21
GNDBE
Digital buffer ground
0V
45
DFSB
Data Format Select input
2.5V/3.3V CMOS input
22
VCCBE
Digital buffer power supply
2.5V/3.3V
46
AVCC
Analog power supply
2.5V
23
OR
Out Of Range output
CMOS output (2.5V/3.3V)
47
AVCC
Analog power supply
2.5V
24
D11(MSB) Most Significant Bit output
CMOS output (2.5V/3.3V)
48
AGND
Analog ground
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com