Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1201 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSA1201
Description  12-BIT, 50MSPS, 150mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1201 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSA1201 Datasheet HTML 9Page - STMicroelectronics TSA1201 Datasheet HTML 10Page - STMicroelectronics TSA1201 Datasheet HTML 11Page - STMicroelectronics TSA1201 Datasheet HTML 12Page - STMicroelectronics TSA1201 Datasheet HTML 13Page - STMicroelectronics TSA1201 Datasheet HTML 14Page - STMicroelectronics TSA1201 Datasheet HTML 15Page - STMicroelectronics TSA1201 Datasheet HTML 16Page - STMicroelectronics TSA1201 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TSA1201
13/20
Slew Rate Control (SRC)
When set to high level (VIH), all digital outputs
currents are limited to a clamp value so that digital
noise power is reduced to its minimum. Rise and
fall times just match 25MHz sampling rate
assuming the load capacitance on each digital
output remains below 10pF.
When set to low level (VIL), the maximum digital
output current increases so that rise and fall times
just match the 50MHz sampling rate assuming the
load capacitance on each digital output remains
below 10pF.
Out of Range (OR)
This function is implemented on the output stage
in order to set up an "Out of Range" flag whenever
the digital data is over the full scale range.
Typically, there is a detection of all the data being
at ’0’ or all the data being at ’1’. This ends up with
an output signal OR which is in low level state
(VOL) when the data stay within in the range, or in
high level state (VOH) when the data are out of the
range.
Data Ready (DR)
The Data Ready output is an image of the clock
being synchronized on the output data (D0 to
D11). This is a very helpful signal that simplifes
the
synchronization
of
the
measurement
equipment or the controling DSP.
As digital output, DR goes into high impedance
state when OEB is asserted to high level as
described in the timing diagram.
DRIVING THE ANALOG INPUT
Differential inputs
The TSA1201 has been designed to obtain
optimum performances when being differentially
driven. An RF transformer is a good way to
achieve such performances.
Figure 1 describes the schematics. The input
signal is fed to the primary of the transformer,
while the secondary drives both ADC inputs. The
common mode voltage of the ADC (INCM) is
connected to the center-tap of the secondary of
the transformer in order to bias the input signal
around this common voltage, internally set to
0.56V. It determines the DC component of the
analog signal. As being an high impedance input,
it acts as an I/O and can be externally driven to
adjust
this
DC
component.
The
INCM
is
decoupled to maintain a low noise level on this
node. Our evaluation board is mounted with a 1:1
ADT1-1 transformer from Minicircuits. You might
also use a higher impedance ratio (1:2 or 1:4) to
reduce the driving requirement on the analog
signal source.
Each analog input can drive a 1Vpp amplitude
input signal, so the resultant differential amplitude
is 2Vpp.
Figure 1 : Differential input configuration
Single-ended input configuration
Some applications may require a single-ended
input.
This
is
easily
achieved
with
the
configuration
reported
on
Figure
2
for
an
AC-coupled input or on Figure 3 and 4 for a
DC-coupled input..
In the case of AC-coupled analog input, it is
recommended to connect the other analog input to
the common mode voltage of the circuit (INCM) so
as to properly bias the ADC. The INCM may
remain at the same internal level (0.56V) thus
driving only a 1Vpp input amplitude, or it must be
increased to 1V to drive a 2Vpp input amplitude.
Figure 2 : AC-coupled Single-ended input
In the case of DC-coupled analog input, Figure 3
shows the configuration for a 2Vpp input signal.
The DC component is driven by VREFP which is
connected to INCM and VINB and therefore
imposes its voltage. VREFM being connected to
ground, a dynamic of 2Vpp is achievable.
Figure 4 describes the configuration for a 1Vpp
analog signal. In this case, VREFM is connected
TSA1201
VIN
VINB
INCM
50
Ω
100pF
330pF
470nF
10nF
Analog source
1:1
ADT1-1
TSA1201
VIN
VINB
INCM
50
Ω
100nF
330pF
470nF
10nF
Signal source
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com