Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1201 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSA1201
Description  12-BIT, 50MSPS, 150mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1201 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSA1201 Datasheet HTML 12Page - STMicroelectronics TSA1201 Datasheet HTML 13Page - STMicroelectronics TSA1201 Datasheet HTML 14Page - STMicroelectronics TSA1201 Datasheet HTML 15Page - STMicroelectronics TSA1201 Datasheet HTML 16Page - STMicroelectronics TSA1201 Datasheet HTML 17Page - STMicroelectronics TSA1201 Datasheet HTML 18Page - STMicroelectronics TSA1201 Datasheet HTML 19Page - STMicroelectronics TSA1201 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
TSA1201
18/20
Figure 10 : Printed circuit of evaluation board.
Printed circuit board - List of components
P a rt
D e s ign F o o t p rin t
P art
D e s ig n F o o t prin t
P art
D e s ign F o o t p rint
P art
D e s ign
F o o t p rin t
Typ e
at o r
Typ e
at o r
Typ e
at o r
Typ e
at o r
10 uF
C 2 4
12 10
3 30p F
C 33
603
47 0n F
C 7
805
A VC C
J 12
F IC H E2M M
10 uF
C 2 3
12 10
3 30p F
C 20
603
47 0n F
C 16
805
C LJ / S M B
J 4
S M B / H
10 uF
C 4 1
12 10
3 30p F
C 8
603
47 0n F
C 19
805
A G N D
J 19
F IC H E2M M
10 uF
C 2 9
12 10
3 30p F
C 2
603
47 0n F
C 3
805
D F S B
J 9
F IC H E2 M M
10 0 p F
C 1
603
3 30p F
C 5
603
47 K
Ω
R12
6 0 3
DG ND
J 2 0
F IC H E2 M M
10 nF
C 12
603
3 30p F
C 11
603
47 K
Ω
R14
6 0 3
DVCC
J 15
F IC H E2 M M
10 nF
C 3 9
603
3 30p F
C 30
603
47 K
Ω
R 11
603
G n dB 1
J 22
F IC H E2 M M
10 nF
C 15
603
3 30p F
C 17
603
47 K
Ω
Ra j1
VR 5
G n dB 2
J 2 1
F IC H E2 M M
10 nF
C 4 0
603
3 30p F
C 14
603
47 K
Ω
R 10
6 0 3
M e s c o m mo de J 8
F IC H E2 M M
10 nF
C 2 7
603
4 7 u F
C3 6
C AP
47 K
Ω
R 19
603
O EB
J 10
F IC H E2 M M
10 nF
C 4
603
4 7 u F
C3 4
C AP
47 K
Ω
R13
6 0 3
Re g l c o m m o d e J 7
F IC H E2 M M
10 nF
C 2 1
603
4 7 u F
C3 5
C AP
47 K
Ω
R 15
6 0 3
T2 - A T1- 1WT
T2
A D T
10 nF
C 3 1
603
4 7 u F
C4 2
C AP
47 K
Ω
R 16
6 0 3
T2 - A T1- 1WT
T1
A D T
10 nF
C 6
603
4 70n F
C 22
805
47 K
Ω
R 17
603
Vc c B 1
J 18
F IC H E2 M M
10 nF
C 9
603
4 70n F
C 32
805
47 K
Ω
R18
6 0 3
VD DB UF F 3 V
J 17
F IC H E2 M M
10 nF
C 18
603
4 70n F
C 37
805
50
Ω
R 3
603
Vin
J 1
S M B / H
1K
Ω
R 2
603
4 70n F
C 38
805
50
Ω
R 1
603
Vre f M
J 5
F IC H E2M M
32P IN
J6
ID C 3 2
4 70n F
C 13
805
74 LC X573 U3
T S S O P 2 0
Vre f P
J 2
F IC H E2 M M
330p F
C 25
603
4 70n F
C 28
805
74 LC X573 U2
T S S O P 2 0
T S A 1002
U1
TQ F P 48
330p F
C 26
603
4 70n F
C 10
805
C O N 2
J16
S IP 2
TSA1201
P a rt
D e s ign F o o t p rin t
P art
D e s ig n F o o t prin t
P art
D e s ign F o o t p rint
P art
D e s ign
F o o t p rin t
Typ e
at o r
Typ e
at o r
Typ e
at o r
Typ e
at o r
10 uF
C 2 4
12 10
3 30p F
C 33
603
47 0n F
C 7
805
A VC C
J 12
F IC H E2M M
10 uF
C 2 3
12 10
3 30p F
C 20
603
47 0n F
C 16
805
C LJ / S M B
J 4
S M B / H
10 uF
C 4 1
12 10
3 30p F
C 8
603
47 0n F
C 19
805
A G N D
J 19
F IC H E2M M
10 uF
C 2 9
12 10
3 30p F
C 2
603
47 0n F
C 3
805
D F S B
J 9
F IC H E2 M M
10 0 p F
C 1
603
3 30p F
C 5
603
47 K
Ω
R12
6 0 3
DG ND
J 2 0
F IC H E2 M M
10 nF
C 12
603
3 30p F
C 11
603
47 K
Ω
R14
6 0 3
DVCC
J 15
F IC H E2 M M
10 nF
C 3 9
603
3 30p F
C 30
603
47 K
Ω
R 11
603
G n dB 1
J 22
F IC H E2 M M
10 nF
C 15
603
3 30p F
C 17
603
47 K
Ω
Ra j1
VR 5
G n dB 2
J 2 1
F IC H E2 M M
10 nF
C 4 0
603
3 30p F
C 14
603
47 K
Ω
R 10
6 0 3
M e s c o m mo de J 8
F IC H E2 M M
10 nF
C 2 7
603
4 7 u F
C3 6
C AP
47 K
Ω
R 19
603
O EB
J 10
F IC H E2 M M
10 nF
C 4
603
4 7 u F
C3 4
C AP
47 K
Ω
R13
6 0 3
Re g l c o m m o d e J 7
F IC H E2 M M
10 nF
C 2 1
603
4 7 u F
C3 5
C AP
47 K
Ω
R 15
6 0 3
T2 - A T1- 1WT
T2
A D T
10 nF
C 3 1
603
4 7 u F
C4 2
C AP
47 K
Ω
R 16
6 0 3
T2 - A T1- 1WT
T1
A D T
10 nF
C 6
603
4 70n F
C 22
805
47 K
Ω
R 17
603
Vc c B 1
J 18
F IC H E2 M M
10 nF
C 9
603
4 70n F
C 32
805
47 K
Ω
R18
6 0 3
VD DB UF F 3 V
J 17
F IC H E2 M M
10 nF
C 18
603
4 70n F
C 37
805
50
Ω
R 3
603
Vin
J 1
S M B / H
1K
Ω
R 2
603
4 70n F
C 38
805
50
Ω
R 1
603
Vre f M
J 5
F IC H E2M M
32P IN
J6
ID C 3 2
4 70n F
C 13
805
74 LC X573 U3
T S S O P 2 0
Vre f P
J 2
F IC H E2 M M
330p F
C 25
603
4 70n F
C 28
805
74 LC X573 U2
T S S O P 2 0
T S A 1002
U1
TQ F P 48
330p F
C 26
603
4 70n F
C 10
805
C O N 2
J16
S IP 2
TSA1201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com