Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1201 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSA1201
Description  12-BIT, 50MSPS, 150mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1201 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSA1201 Datasheet HTML 2Page - STMicroelectronics TSA1201 Datasheet HTML 3Page - STMicroelectronics TSA1201 Datasheet HTML 4Page - STMicroelectronics TSA1201 Datasheet HTML 5Page - STMicroelectronics TSA1201 Datasheet HTML 6Page - STMicroelectronics TSA1201 Datasheet HTML 7Page - STMicroelectronics TSA1201 Datasheet HTML 8Page - STMicroelectronics TSA1201 Datasheet HTML 9Page - STMicroelectronics TSA1201 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TSA1201
6/20
CONDITIONS
AVCC = DVCC = VCCBE = VCCBI = 2.5V,Fs= 50Msps,Fin=2MHz, Vin@ -1dBFS, VREFP=1V,
VREFM=0V
Tamb = 25°C (unless otherwise specified)
POWER CONSUMPTION
DIGITAL INPUTS AND OUTPUTS
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Pd
Power consumption in normal
operation mode
1)
150
158
mW
Tmin= -40°C to Tmax= 85°C2)
165
mW
ICCA
Analog Supply current
1)
46
51
mA
Tmin= -40°C to Tmax= 85°C2)
55
mA
ICCD
Digital Supply Current
1)
1.9
2.2
mA
Tmin= -40°C to Tmax= 85°C2)
2.2
mA
ICCBI
Digital Buffer Supply Current
1)
0.3
0.4
mA
Tmin= -40°C to Tmax= 85°C2)
0.4
mA
ICCBE
Digital Buffer Supply Current
1)
9.8
10.8
mA
Tmin= -40°C to Tmax= 85°C2)
10.8
mA
ICCBEZ
Digital Buffer Supply Current in
High Impedance Mode
45
mA
Rthja
Junction-ambient thermal resis-
tance (TQFP48)
80
°C/W
1. Equivalent load: Rload= 470
Ω and Cload= 6pF
2. Not fully tested over the temperature range. Guaranted by sampling.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Clock input
VIL
Logic "0" voltage
0
0.8
V
VIH
Logic "1" voltage
2.0
2.5
V
Digital inputs
VIL
Logic "0" voltage
0
0.25 x
VCCBE
V
VIH
Logic "1" voltage
0.75 x
VCCBE
VCCBE
V
Digital Outputs
VOL
Logic "0" voltage
Iol=10µA
0
0.1 x
VCCBE
V
VOH
Logic "1" voltage
Ioh=10µA
0.9 x
VCCBE
VCCBE
V
IOZ
High Impedance leakage current OEB set to VIH
-2.5
2.5
µA
CL
Output Load Capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com