Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1201 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSA1201
Description  12-BIT, 50MSPS, 150mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1201 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSA1201 Datasheet HTML 10Page - STMicroelectronics TSA1201 Datasheet HTML 11Page - STMicroelectronics TSA1201 Datasheet HTML 12Page - STMicroelectronics TSA1201 Datasheet HTML 13Page - STMicroelectronics TSA1201 Datasheet HTML 14Page - STMicroelectronics TSA1201 Datasheet HTML 15Page - STMicroelectronics TSA1201 Datasheet HTML 16Page - STMicroelectronics TSA1201 Datasheet HTML 17Page - STMicroelectronics TSA1201 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TSA1201
14/20
to VINB and INCM. The latest imposes its voltage.
VREFP being internally set to 1V, the dynamic is
then 1Vpp.
Figure 3 : DC-coupled 2Vpp analog input
Figure 4 : DC-coupled 1Vpp analog input
IF-sampling
Software radio has become a common mode for
receiving data through RF receivers. Its main
advantage being to digitally implement what was
originally done with analog functions such as
discriminators, demodulation and filtering.
Originally, bipolar process was mainly used
because they provided high transistor transit
frequency, while pure CMOS technology showed
a lower one. With new CMOS process and circuit
topology, higher frequencies are now achieved.
The TSA1201 has been specifically designed to
meet the requirement of sampling at Intermediate
Frequency. For this purpose, the Track-and-Hold
of the first pipeline stage has been built to ensure
the global linearity of the overall ADC to perform
the right characteristics.
Our proprietary Track-and-Hold has a patented
switch control system to enable the performances
not to be degraded as input signal frequency
increases.
As a result, an analog bandwidth of 1GHz is
achieved.
REFERENCE CONNECTION
Internal reference
In the standard configuration, the ADC is biased
with the internal reference voltage. VREFM pin is
connected to Analog Ground while VREFP is
internally
set
to
a
voltage
of
1.0V.
It
is
recommended to decouple the VREFP in order to
minimize low and high frequency noise. Refer to
Figure 5 for the schematics.
Figure 5 : Internal reference setting
External reference
It is possible to use an external reference voltage
instead of the internal one for specific applications
requiring
even
better
linearity
or
enhanced
temperature behaviour. In this case, the amplitude
of the external voltage must be at least equal to
the
internal
one
(1.0V).
Using
the
STMicroelectronics Vref TS821 leads to optimum
performances when configured as shown on
Figure 6.
Figure 6 : External reference setting
This
can
be
very
helpful
for
example
for
multichannel application to keep a good matching
over the sampling frequency range.
TSA1201
VIN
VINB
INCM
330pF
470nF
10nF
Analog
DC
Analog+DC
VREFP
VREFM
TSA1201
VIN
VINB
INCM
330pF
470nF
10nF
Analog
DC
Analog+DC
VREFM
TSA1201
VIN
VINB
VREFM
1.0V
VREFP
330pF
470nF
10nF
1k
Ω
TSA1201
VIN
VINB
VREFM
VREFP
external
reference
TS821
VCCA
330pF
470nF
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com