Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1201 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSA1201
Description  12-BIT, 50MSPS, 150mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1201 Datasheet(HTML) 4 Page - STMicroelectronics

  TSA1201 Datasheet HTML 1Page - STMicroelectronics TSA1201 Datasheet HTML 2Page - STMicroelectronics TSA1201 Datasheet HTML 3Page - STMicroelectronics TSA1201 Datasheet HTML 4Page - STMicroelectronics TSA1201 Datasheet HTML 5Page - STMicroelectronics TSA1201 Datasheet HTML 6Page - STMicroelectronics TSA1201 Datasheet HTML 7Page - STMicroelectronics TSA1201 Datasheet HTML 8Page - STMicroelectronics TSA1201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TSA1201
4/20
ELECTRICAL CHARACTERISTICS
AVCC = DVCC = VCCBE = VCCBI = 2.5V,Fs= 50Msps,Fin=2MHz, Vin@ -1dBFS, VREFM=0V
Tamb = 25°C (unless otherwise specified)
TIMING CHARACTERISTICS
TIMING DIAGRAM
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
FS
Sampling Frequency
0.5
50
MHz
DC
Clock Duty Cycle
45
50
55
%
TC1
Clock pulse width (high)
9
10
ns
TC2
Clock pulse width (low)
9
10
ns
Tod
Data Output Delay (Fall of Clock
to Data Valid)
6pF load capacitance
8ns
Tpd
Data Pipeline delay
5.5
cycles
Ton
Falling edge of OEB to digital
output valid data
1ns
Toff
Rising edge of OEB to digital
output tri-state
1ns
N-3
N-2
N-1
N+4
N+5
N
N+3
N+1
N+2
N+6
N-3
N-1
N-4
N-5
N-6
N-7
N-8
N-9
CLK
OEB
DR
Tod
Ton
Toff
Tpd + Tod
HZ state
N
DATA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com