Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1201 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSA1201
Description  12-BIT, 50MSPS, 150mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1201 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSA1201 Datasheet HTML 11Page - STMicroelectronics TSA1201 Datasheet HTML 12Page - STMicroelectronics TSA1201 Datasheet HTML 13Page - STMicroelectronics TSA1201 Datasheet HTML 14Page - STMicroelectronics TSA1201 Datasheet HTML 15Page - STMicroelectronics TSA1201 Datasheet HTML 16Page - STMicroelectronics TSA1201 Datasheet HTML 17Page - STMicroelectronics TSA1201 Datasheet HTML 18Page - STMicroelectronics TSA1201 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TSA1201
15/20
Clock input
The quality of your converter is very dependant on
your clock input accuracy, in terms of aperture
jitter; the use of low jitter crystal controlled
oscillator is recommended.
The duty cycle must be between 45% and 55%.
The clock power supplies must be separated from
the ADC output ones to avoid digital noise
modulation at the output.
It is recommended to always keep the circuit
clocked, even at the lowest specified sampling
frequency of 0.5Msps, before applying the supply
voltages.
Power consumption optimization
The internal architecture of the TSA1201 enables
to optimize the power consumption according to
the sampling frequency of. For this purpose, a
resistor is placed between IPOL and the analog
Ground pins. Therefore, the total dissipation is
adjustable from 0.5Msps up to 50Msps. This
feature is of highest importance when power
saving conditions the application.
The TSA1201 will combine highest performances
and lowest consumption at 50Msps when Rpol is
equal to 12k
Ω.
At lower sampling frequency range, this value of
resistor may be adjusted in order to decrease the
analog
current
without
any
degradation
of
dynamic performances.
As an example, 40mW total power consumption is
achieved at 5 Msps with Rpol equal to 190k
Ω and
35mW is dissipated at 1Msps with Rpol equal to
350k
Ω.
The table below sums up the relevant data.
Figure 7 describes the behaviour of the converter
as sampling frequency increases and shows the
optimum
in
terms
of
analog
current
and
polarization resistor.
Total power consumption optimization
depending on Rpol value
Figure 7 : Optimized power consumption
Fin=1MHz
Layout precautions
To use the ADC circuits in the best manner at high
frequencies, some precautions have to be taken
for power supplies:
- First of all, the implementation of 4 separate
proper supplies and ground planes (analog,
digital, internal and external buffer ones) on the
PCB
is
mandatory
for
high
speed
circuit
applications to provide low inductance and low
resistance common return.
The separation of the analog signal from the
digital part is essential to prevent noise from
coupling onto the input signal.
- Power supply bypass capacitors must be placed
as close as possible to the IC pins in order to
improve high frequency bypassing and reduce
harmonic distortion.
- Proper termination of all inputs and outputs must
be incorporated with output termination resistors;
then the amplifier load will be only resistive and
the stability of the amplifier will be improved. All
leads must be wide and as short as possible
especially for the analog input in order to decrease
parasitic capacitance and inductance.
- To keep the capacitive loading as low as
possible at digital outputs, short lead lengths of
routing are essential to minimize currents when
the output changes. To minimize this output
capacitance, buffers or latches close to the output
pins will relax this constraint.
- Choose component sizes as small as possible
(SMD).
Fs (Msps)
5
35
50
Rpol (
k
Ω)
190
29
12
Optimized
power (mW)
40
100
150
0
20
40
60
80
100
120
140
160
180
200
5
25
456585
Fs(MHz)
0
10
20
30
40
50
60
70
RPOL
ICCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com