Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA2002
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2002 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA2002 Datasheet HTML 1Page - NXP Semiconductors PCA2002 Datasheet HTML 2Page - NXP Semiconductors PCA2002 Datasheet HTML 3Page - NXP Semiconductors PCA2002 Datasheet HTML 4Page - NXP Semiconductors PCA2002 Datasheet HTML 5Page - NXP Semiconductors PCA2002 Datasheet HTML 6Page - NXP Semiconductors PCA2002 Datasheet HTML 7Page - NXP Semiconductors PCA2002 Datasheet HTML 8Page - NXP Semiconductors PCA2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PCA2002_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
2 of 25
NXP Semiconductors
PCA2002
32 kHz watch circuit programmable output period and pulse width
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Delivery form
Version
PCA2002U/AB/1
PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm
bare die; chip in tray
PCA200xU
PCA2002U/10AB/1 PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm
bare die; chip on film frame carrier
PCA200xU
PCA2002CX8/5/1
PCA200xCX wafer level chip-size package;
8 bumps; 1.16
× 0.86 × 0.31 mm
unsawn wafer with lead free solder
bumps
PCA200xCX
Fig 1.
Block diagram
mbl568
÷4
MOT1
MOT2
RESET
i.c.
n.c.
n.c.
VDD
VSS
VOLTAGE DETECTOR,
OTP-CONTROLLER
MOTOR CONTROL
PCA2002
DIVIDER
RESET
reset
32 Hz
1 Hz
8 kHz
OSCILLATOR
OSCIN
OSCOUT
OTP-MEMORY
TIMING ADJUSTMENT,
INHIBITION
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com