Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA2002
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2002 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA2002 Datasheet HTML 8Page - NXP Semiconductors PCA2002 Datasheet HTML 9Page - NXP Semiconductors PCA2002 Datasheet HTML 10Page - NXP Semiconductors PCA2002 Datasheet HTML 11Page - NXP Semiconductors PCA2002 Datasheet HTML 12Page - NXP Semiconductors PCA2002 Datasheet HTML 13Page - NXP Semiconductors PCA2002 Datasheet HTML 14Page - NXP Semiconductors PCA2002 Datasheet HTML 15Page - NXP Semiconductors PCA2002 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
PCA2002_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
12 of 25
NXP Semiconductors
PCA2002
32 kHz watch circuit programmable output period and pulse width
8.
Limiting values
[1]
When writing to the OTP cells, the supply voltage (VDD) can be raised to a maximum of 12 V for a time period of 1 s.
[2]
Connecting the battery with reversed polarity does not destroy the circuit, but in this condition a large current flows which rapidly
discharges the battery.
[3]
Pass level; Human Body Model (HBM) according to JESD22-A114.
[4]
Pass level; Machine Model (MM), according to JESD22-A115.
[5]
Pass level; Latch-up testing, according to JESD78.
Table 8.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
VSS =0V
[1][2]
−1.8
+7.0
V
VI
input voltage
−0.5
+7.5
V
tsc
short circuit duration time
output
-
indefinite
s
Tamb
ambient temperature
−10
+60
°C
Tstg
storage temperature
−30
+100
°C
Vesd
electrostatic discharge voltage
HBM
[3]
-
±2000
V
MM
[4]
-
±200
V
Ilu
latch-up current
[5]
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com