Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA2002
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2002 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA2002 Datasheet HTML 1Page - NXP Semiconductors PCA2002 Datasheet HTML 2Page - NXP Semiconductors PCA2002 Datasheet HTML 3Page - NXP Semiconductors PCA2002 Datasheet HTML 4Page - NXP Semiconductors PCA2002 Datasheet HTML 5Page - NXP Semiconductors PCA2002 Datasheet HTML 6Page - NXP Semiconductors PCA2002 Datasheet HTML 7Page - NXP Semiconductors PCA2002 Datasheet HTML 8Page - NXP Semiconductors PCA2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The PCA2002 is a CMOS integrated circuit for battery operated wrist watches with a
32 kHz quartz crystal as the timing element and a bipolar stepping motor. The quartz
crystal oscillator and the frequency divider are optimized for minimum current
consumption. A timing accuracy of 1 ppm is achieved with a programmable, digital
frequency adjustment.
The output period and the output pulse width can be programmed. It can be selected
between a full output pulse or a chopped output pulse with a duty cycle of 75 %. In
addition, a stretching pulse can be added to the primary driving pulse.
A pad RESET is provided (used for stopping the motor) for accurate time setting and for
accelerated testing of the watch.
2.
Features
I Amplitude-regulated 32 kHz quartz crystal oscillator, with excellent frequency stability
and high immunity to leakage currents
I Electrically programmable time calibration with 1 ppm resolution stored in One Time
Programmable (OTP) memory
I The quartz crystal is the only external component required
I Very low current consumption: typically 90 nA
I Output pulses for bipolar stepping motors
I Five different programmable output periods (1 s to 30 s)
I Output pulse width programmable between 1 ms and 8 ms
I Full or chopped motor pulse and pulse stretching, selectable
I Stop function for accurate time setting and current saving during shelf life
I Test mode for accelerated testing of the mechanical parts of the watch
I Test bits for type recognition
3.
Applications
I Driver circuits for bipolar stepping motors
I High immunity motor drive circuits
I High production volumes
PCA2002
32 kHz watch circuit with programmable output period and
pulse width
Rev. 05 — 11 November 2008
Product data sheet


Similar Part No. - PCA2002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2002 PHILIPS-PCA2002 Datasheet
124Kb / 20P
32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
PCA2002T PHILIPS-PCA2002T Datasheet
124Kb / 20P
32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
PCA2002TK PHILIPS-PCA2002TK Datasheet
124Kb / 20P
32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
PCA2002U/10AA PHILIPS-PCA2002U/10AA Datasheet
124Kb / 20P
32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
PCA2002U/AA PHILIPS-PCA2002U/AA Datasheet
124Kb / 20P
32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
More results

Similar Description - PCA2002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2000 PHILIPS-PCA2000 Datasheet
120Kb / 19P
32 kHz watch circuit with programmable adaptive motor pulse
2003 Dec 17
PCA2002 PHILIPS-PCA2002 Datasheet
124Kb / 20P
32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
PCA2001 NXP-PCA2001 Datasheet
140Kb / 28P
32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
PCA2003 NXP-PCA2003 Datasheet
108Kb / 21P
32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 01-15 December 2008
PCA2003 NXP-PCA2003_09 Datasheet
118Kb / 21P
32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 02-21 July 2009
PCA2000 NXP-PCA2000_10 Datasheet
609Kb / 30P
32 kHz watch circuit with programmable adaptive motor pulse
Rev. 08-23 August 2010
PCA1461U NXP-PCA1461U Datasheet
100Kb / 24P
32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA146X NXP-PCA146X Datasheet
115Kb / 24P
32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA148X NXP-PCA148X Datasheet
104Kb / 20P
32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA16XX NXP-PCA16XX Datasheet
81Kb / 16P
32 kHz watch circuits with EEPROM
1997 Dec 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com