Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA2002
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2002 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA2002 Datasheet HTML 6Page - NXP Semiconductors PCA2002 Datasheet HTML 7Page - NXP Semiconductors PCA2002 Datasheet HTML 8Page - NXP Semiconductors PCA2002 Datasheet HTML 9Page - NXP Semiconductors PCA2002 Datasheet HTML 10Page - NXP Semiconductors PCA2002 Datasheet HTML 11Page - NXP Semiconductors PCA2002 Datasheet HTML 12Page - NXP Semiconductors PCA2002 Datasheet HTML 13Page - NXP Semiconductors PCA2002 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PCA2002_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
10 of 25
NXP Semiconductors
PCA2002
32 kHz watch circuit programmable output period and pulse width
7.9 Frequency tuning at assembled watch
Figure 7 shows the test set-up for frequency tuning the assembled watch.
7.10 Measurement of the oscillator frequency and the inhibition time
The output of the two measuring states can either be monitored directly at pin RESET or
as a modulation of the supply current (a modulating resistor of 30 k
Ω is connected
between VDD and VSS when the signal at pin RESET is at HIGH-level).
The supply voltage modulation must be followed as shown in Figure 4 in order to
guarantee the correct start-up of the circuit during production and testing.
Measuring states:
• State 1; quartz crystal oscillator frequency divided by 1024; state 1 starts with a pulse
to VP and ends with a second pulse to VP
• State 2; inhibition time has a value of n
× 0.122 ms. A signal with the periodicity of
31.25 ms + n
× 0.122 ms appears at pin RESET and as current modulation at pin V
DD
(see Figure 8 and Figure 9)
Fig 7.
Frequency tuning the assembled watch
mgw568
FREQUENCY
COUNTER
PROGRAMMABLE
DC POWER SUPPLY
PC INTERFACE
PC
M
motor
32 kHz
PCA200x
battery
Fig 8.
Output waveform at pin RESET for instruction state 2
mgw355
VDD
VSS
31.25 ms
+ inhibition time
VO(dif)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com