Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA2002
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2002 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA2002 Datasheet HTML 1Page - NXP Semiconductors PCA2002 Datasheet HTML 2Page - NXP Semiconductors PCA2002 Datasheet HTML 3Page - NXP Semiconductors PCA2002 Datasheet HTML 4Page - NXP Semiconductors PCA2002 Datasheet HTML 5Page - NXP Semiconductors PCA2002 Datasheet HTML 6Page - NXP Semiconductors PCA2002 Datasheet HTML 7Page - NXP Semiconductors PCA2002 Datasheet HTML 8Page - NXP Semiconductors PCA2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PCA2002_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
3 of 25
NXP Semiconductors
PCA2002
32 kHz watch circuit programmable output period and pulse width
6.
Pinning information
6.1 Pinning
6.2 Pin description
Top view. For mechanical details, see
Figure 10.
Top view. For mechanical details, see
Figure 11
Fig 2.
Pad and bump configuration of PCA2002
001aai177
PCA200xU
1
VSS
8
RESET
2
i.c.
7
MOT2
3
OSCIN
6
MOT1
4
OSCOUT
5
VDD
x
y
0
0
001aai176
PCA200xCX
1
VSS
8
RESET
2
i.c.
7
MOT2
3
OSCIN
6
MOT1
4
OSCOUT
5
VDD
x
y
0
0
Table 2.
Pin description for PCA2002
Symbol
Pin
Description
VSS
1
ground
i.c.
2
internally connected
OSCIN
3
oscillator input
OSCOUT
4
oscillator output
VDD
5
supply voltage
MOT1
6
motor 1 output
MOT2
7
motor 2 output
RESET
8
reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com