Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA2002
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2002 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA2002 Datasheet HTML 1Page - NXP Semiconductors PCA2002 Datasheet HTML 2Page - NXP Semiconductors PCA2002 Datasheet HTML 3Page - NXP Semiconductors PCA2002 Datasheet HTML 4Page - NXP Semiconductors PCA2002 Datasheet HTML 5Page - NXP Semiconductors PCA2002 Datasheet HTML 6Page - NXP Semiconductors PCA2002 Datasheet HTML 7Page - NXP Semiconductors PCA2002 Datasheet HTML 8Page - NXP Semiconductors PCA2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PCA2002_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
4 of 25
NXP Semiconductors
PCA2002
32 kHz watch circuit programmable output period and pulse width
7.
Functional description
7.1 Motor pulse
The motor driver delivers pulses with an alternating polarity. The output waveform across
the motor terminals is illustrated in Figure 3. Between the motor pulses, both terminals are
connected to VDD which means that the motor is short-circuit.
The following parameters can be selected and are stored in a One Time Programmable
(OTP) memory:
• Output periods of 1 s, 5 s, 10 s, 20 s and 30 s
• Pulse width (tp) between 0.98 ms and 7.8 ms in steps of 0.98 ms
• Full or chopped (75 %) output pulse
• Pulse stretching: an enlargement pulse is added to the primary motor pulse. This
enlargement pulse has a duty cycle of 25 % and a width which is twice the
programmed motor pulse width.
7.2 Time calibration
The quartz crystal oscillator has an integrated capacitance of 5.2 pF, which is lower than
the specified capacitance (CL) of 8.2 pF for the quartz crystal (see Table 9). Therefore, the
oscillator frequency is typically 60 ppm higher than 32.768 kHz. This positive frequency
offset is compensated by removing the appropriate number of 8192 Hz pulses in the
divider chain (maximum 127 pulses), every 1 or 2 minutes. The time correction is given in
Table 3.
Fig 3.
Motor output waveforms
full pulse
mgu718
chopped
pulse
full pulse
with stretching
chopped pulse
with stretching
period
tp
2tp
tp
2tp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com