Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCA2002
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2002 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCA2002 Datasheet HTML 17Page - NXP Semiconductors PCA2002 Datasheet HTML 18Page - NXP Semiconductors PCA2002 Datasheet HTML 19Page - NXP Semiconductors PCA2002 Datasheet HTML 20Page - NXP Semiconductors PCA2002 Datasheet HTML 21Page - NXP Semiconductors PCA2002 Datasheet HTML 22Page - NXP Semiconductors PCA2002 Datasheet HTML 23Page - NXP Semiconductors PCA2002 Datasheet HTML 24Page - NXP Semiconductors PCA2002 Datasheet HTML 25Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
NXP Semiconductors
PCA2002
32 kHz watch circuit programmable output period and pulse width
© NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 11 November 2008
Document identifier: PCA2002_5
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
18. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
7
Functional description . . . . . . . . . . . . . . . . . . . 4
7.1
Motor pulse . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
7.2
Time calibration . . . . . . . . . . . . . . . . . . . . . . . . 4
7.3
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
7.4
Programming possibilities. . . . . . . . . . . . . . . . . 5
7.5
Type recognition . . . . . . . . . . . . . . . . . . . . . . . . 6
7.6
Programming procedure . . . . . . . . . . . . . . . . . . 7
7.7
Programming the memory cells . . . . . . . . . . . . 8
7.8
Checking the memory content . . . . . . . . . . . . . 9
7.9
Frequency tuning at assembled watch . . . . . . 10
7.10
Measurement of the oscillator frequency
and the inhibition time. . . . . . . . . . . . . . . . . . . 10
8
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 12
9
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 13
10
OTP programming characteristics . . . . . . . . . 14
11
Bare die outline . . . . . . . . . . . . . . . . . . . . . . . . 15
12
Packing information. . . . . . . . . . . . . . . . . . . . . 17
12.1
Tray information . . . . . . . . . . . . . . . . . . . . . . . 17
12.2
Unsawn wafer information . . . . . . . . . . . . . . . 19
13
Soldering of WLCSP packages. . . . . . . . . . . . 20
13.1
Introduction to soldering WLCSP packages . . 20
13.2
Board mounting . . . . . . . . . . . . . . . . . . . . . . . 20
13.3
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 20
13.3.1
Stand off . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
13.3.2
Quality of solder joint . . . . . . . . . . . . . . . . . . . 21
13.3.3
Rework . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
13.3.4
Cleaning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
14
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 22
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 23
16
Legal information. . . . . . . . . . . . . . . . . . . . . . . 24
16.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 24
16.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
16.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
16.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
17
Contact information. . . . . . . . . . . . . . . . . . . . . 24
18
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com