Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA2002
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2002 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA2002 Datasheet HTML 11Page - NXP Semiconductors PCA2002 Datasheet HTML 12Page - NXP Semiconductors PCA2002 Datasheet HTML 13Page - NXP Semiconductors PCA2002 Datasheet HTML 14Page - NXP Semiconductors PCA2002 Datasheet HTML 15Page - NXP Semiconductors PCA2002 Datasheet HTML 16Page - NXP Semiconductors PCA2002 Datasheet HTML 17Page - NXP Semiconductors PCA2002 Datasheet HTML 18Page - NXP Semiconductors PCA2002 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
PCA2002_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
15 of 25
NXP Semiconductors
PCA2002
32 kHz watch circuit programmable output period and pulse width
11. Bare die outline
Fig 10. Bare die outline PCA200xU
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
PCA200xU
Wire bond die; 8 bonding pads; 1.16 x 0.86 x 0.22 mm
PCA200xU
UNIT
mm
max
nom
min
0.22
0.20
0.18
1.16
0.17
0.32
0.96
0.099
0.096
0.093
0.099
0.096
0.093
A
DIMENSIONS (mm are the original dimensions)
0
0.5
1 mm
scale
D
E
0.86
e1
e2
eD
P1
P2
0.089
0.086
0.083
P3
0.089
0.086
0.083
P4
A
X
D
eD
e1
e2
E
detail X
P2
P1
P4
P3
08-05-09
08-05-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com