Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA2002
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2002 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA2002 Datasheet HTML 2Page - NXP Semiconductors PCA2002 Datasheet HTML 3Page - NXP Semiconductors PCA2002 Datasheet HTML 4Page - NXP Semiconductors PCA2002 Datasheet HTML 5Page - NXP Semiconductors PCA2002 Datasheet HTML 6Page - NXP Semiconductors PCA2002 Datasheet HTML 7Page - NXP Semiconductors PCA2002 Datasheet HTML 8Page - NXP Semiconductors PCA2002 Datasheet HTML 9Page - NXP Semiconductors PCA2002 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PCA2002_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
6 of 25
NXP Semiconductors
PCA2002
32 kHz watch circuit programmable output period and pulse width
7.5 Type recognition
Byte D is read to determine which type of the PCA200x family is used in a particular
application.
Table 5.
Description of word A bits
Bit
Value
Description
Inhibit time
1 to 7
-
adjust the number of the 8192 Hz pulses to be removed;
bit 1 is the MSB and bit 7 is the LSB
Calibration period
8
0
1 minute
1
2 minutes
Table 6.
Description of word B bits
Bit
Value
Description
Pulse width tp (ms)
1 to 3
000
0.98
001
1.95
010
2.9
011
3.9
100
4.9
101
5.9
110
6.8
111
7.8
Output period (s)
4 to 6
000
1
001
5
010
10
011
20
100
30
Duty cycle of motor pulse
7
0
75 %
1
100 %
Pulse stretching
8
0
no pulse stretching
1
a pulse width of 2
× tp and a duty factor of 25 % are added
Table 7.
Description of word D bits
Bit
Value
Description
Type recognition
1 to 4
0000
PCA2002
1000
PCA2000
0100
PCA2001
1100
PCA2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com