Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 6Page - Cirrus Logic CS2000-CP Datasheet HTML 7Page - Cirrus Logic CS2000-CP Datasheet HTML 8Page - Cirrus Logic CS2000-CP Datasheet HTML 9Page - Cirrus Logic CS2000-CP Datasheet HTML 10Page - Cirrus Logic CS2000-CP Datasheet HTML 11Page - Cirrus Logic CS2000-CP Datasheet HTML 12Page - Cirrus Logic CS2000-CP Datasheet HTML 13Page - Cirrus Logic CS2000-CP Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS2000-CP
10
DS761PP1
CONTROL PORT SWITCHING CHARACTERISTICS - SPI FORMAT
Inputs: Logic 0 = GND; Logic 1 = VD; CL =20pF.
Notes: 12. tspi is only needed before first falling edge of CS after power is applied. tspi = 0 at all other times.
13. Data must be held for sufficient time to bridge the transition time of CCLK.
14. For fcclk < 1 MHz.
Parameter
Symbol
Min
Max
Unit
CCLK Clock Frequency
fccllk
-6
MHz
CCLK Edge to CS Falling
(Note 12)tspi
500
-
ns
CS High Time Between Transmissions
tcsh
1.0
-
µs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time
(Note 13)tdh
15
-
ns
Rise Time of CCLK and CDIN
(Note 14)tr2
-
100
ns
Fall Time of CCLK and CDIN
(Note 14)tf2
-
100
ns
Delay from Supply Voltage Stable to Control Port Ready
tdpor
100
-
µs
t
r2
t
f2
t
dsu
t
dh
t
sch
t
scl
CS
CCLK
CDIN
t
css
t
csh
t
spi
tdpor
VD
Figure 3. Control Port Timing - SPI Format (Write Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com